Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3495DV-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3495DV-T1-E3
Description  P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3495DV-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3495DV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3495DV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3495DV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3495DV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3495DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3495DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si3495DV
New Product
Document Number: 73135
S-71321-Rev. B, 02-Jul-07
www.vishay.com
1
P-Channel 20-V (D-S), 1.5-V (G-S) MOSFET
FEATURES
TrenchFET® Power MOSFET: 1.5 V Rated
Ultra-Low On-Resistance
100 % Rg Tested
APPLICATIONS
Load Switch and PA Switch for Portable
Devices
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)ID (A)
- 20
0.024 at VGS = - 4.5 V
- 7
0.030 at VGS = - 2.5 V
- 6.2
0.038 at VGS = - 1.8 V
- 5.2
0.048 at VGS = - 1.5 V
- 5.0
TSOP-6
Top V iew
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3495DV-T1-E3 (Lead (Pb)-free)
Marking Code:
95xxx
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 Board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 7
- 5.3
A
TA = 85 °C
- 3.6
- 3.9
Pulsed Drain Current
IDM
- 20
Continuous Source Current (Diode Conduction)a
IS
- 1.7
- 0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.0
1.1
W
TA = 85 °C
1.0
0.6
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 sec
RthJA
45
62.5
°C/W
Steady State
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
RoHS
COMPLIANT


Similar Part No. - SI3495DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3495DV-T1-E3 VBSEMI-SI3495DV-T1-E3 Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3495DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6435ADQ-T1-GE3 VBSEMI-SI6435ADQ-T1-GE3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
SI6423DQ-T1-E3 VBSEMI-SI6423DQ-T1-E3 Datasheet
978Kb / 8P
   P-Channel 20-V (G-S) MOSFET
VBC7P2216 VBSEMI-VBC7P2216_V01 Datasheet
474Kb / 8P
   P-Channel 20-V (G-S) MOSFET
logo
Vishay Siliconix
SI1469DH VISHAY-SI1469DH_08 Datasheet
109Kb / 7P
   P-Channel 20-V (G-S) MOSFET
Rev. A, 29-Jan-07
logo
VBsemi Electronics Co.,...
VBC7P2216 VBSEMI-VBC7P2216 Datasheet
594Kb / 8P
   P-Channel 20-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com