Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3473CDV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3473CDV
Description  P-Channel 12-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3473CDV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3473CDV Datasheet HTML 1Page - Vishay Siliconix SI3473CDV Datasheet HTML 2Page - Vishay Siliconix SI3473CDV Datasheet HTML 3Page - Vishay Siliconix SI3473CDV Datasheet HTML 4Page - Vishay Siliconix SI3473CDV Datasheet HTML 5Page - Vishay Siliconix SI3473CDV Datasheet HTML 6Page - Vishay Siliconix SI3473CDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 69947
S-80796-Rev. B, 14-Apr-08
Vishay Siliconix
Si3473CDV
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 12
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 13
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.4
- 1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
µA
VDS = - 12 V, VGS = 0 V, TJ = 85 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 8.1 A
0.016
0.022
Ω
VGS = - 2.5 V, ID = - 7.1 A
0.021
0.028
VGS = - 1.8 V, ID = - 2.8 A
0.026
0.036
Forward Transconductancea
gfs
VDS = - 6 V, ID = - 8.1 A
30
S
Dynamicb
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
2010
pF
Output Capacitance
Coss
580
Reverse Transfer Capacitance
Crss
520
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 8 V, ID = - 8.1 A
43
65
nC
VDS = - 6 V, VGS = - 4.5 V, ID = - 8.1 A
26
40
Gate-Source Charge
Qgs
3.3
Gate-Drain Charge
Qgd
7.5
Gate Resistance
Rg
f = 1 MHz
4.8
Ω
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 0.92 Ω
ID ≅ - 6.5 A, VGEN = - 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
55
85
Turn-Off Delay Time
td(off)
60
90
Fall Time
tf
40
60
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 0.92 Ω
ID ≅ - 6.5 A, VGEN = - 8 V, Rg = 1 Ω
10
15
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
62
95
Fall Time
tf
35
55
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 3.5
A
Pulse Diode Forward Currenta
ISM
- 20
Body Diode Voltage
VSD
IS = - 5.9 A
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 6.5 A, di/dt = 100 A/µs, TJ = 25 °C
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
30
45
nC
Reverse Recovery Fall Time
ta
18
ns
Reverse Recovery Rise Time
tb
32


Similar Part No. - SI3473CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3473CDV VISHAY-SI3473CDV Datasheet
241Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI3473CDV-T1-E3 VISHAY-SI3473CDV-T1-E3 Datasheet
247Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI3473CDV-T1-GE3 VISHAY-SI3473CDV-T1-GE3 Datasheet
247Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3473CDV-T1-GE3 VBSEMI-SI3473CDV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3473CDV VISHAY-SI3473CDV_V01 Datasheet
241Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3473CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com