Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D226X_025C2T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 595D226X_025C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D226X_025C2T Datasheet(HTML) 3 Page - Vishay Siliconix

  595D226X_025C2T Datasheet HTML 1Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 2Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 3Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 4Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 5Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 6Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 7Page - Vishay Siliconix 595D226X_025C2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
595D
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40007
80
Revision: 18-Jan-08
Note: * Preliminary values, contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to “0”.
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
4 WVDC AT + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
150
B
595D157X_004B2T
6.0
8
0.45
0.44
150
C
595D157X_004C2T
6.0
8
0.18
0.78
180
D
595D187X_004D2T
7.2
8
0.14
1.04
220
C
595D227X_004C2T
8.8
8
0.18
0.78
220
D
595D227X_004D2T
8.8
8
0.14
1.04
270
C
595D277X_004C2T
10.8
8
0.17
0.80
270
D
595D277X_004D2T
10.8
8
0.13
1.07
330*
C*
595D337X_004C2T*
13.2*
8*
0.17*
0.80*
390
D
595D397X_004D2T
15.6
8
0.13
1.07
470
C
595D477X_004C2T
18.8
10
0.16
0.83
470
R
595D477X_004R2T
18.8
10
0.13
1.39
680
D
595D687X_004D2T
27.2
12
0.13
1.07
1000
R
595D108X_004R2T
40.0
16
0.07
1.88
1500
R
595D158X_004R2T
60.0
20
0.07
1.88
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
3.3
T
595D335X_6R3T2T
0.5
6
8.5
0.06
6.8
T
595D685X_6R3T2T
0.5
6
8.5
0.06
15
A
595D156X_6R3A2T
0.9
6
1.7
0.20
22
A
595D226X_6R3A2T
1.4
6
1.7
0.20
22
B
595D226X_6R3B2T
1.4
6
0.57
0.37
33
A
595D336X_6R3A2T
2.1
6
1.70
0.20
33
B
595D336X_6R3B2T
1.7
5
0.57
0.39
33
S
595D336X_6R3S2T
2.1
8
1.30
0.20
47
A
595D476X_6R3A2T
2.8
6
1.50
0.22
47
B
595D336X_6R3B2T
2.4
5
0.57
0.39
68
A
595D686X_6R3A2T
4.3
12
0.5
0.19
68
B
595D686X_6R3B2T
4.3
6
0.55
0.38
100
B
595D107X_6R3B2T
6.3
8
0.55
0.39
100
C
595D107X_6R3C2T
6.3
8
0.20
0.74
100
M
595D107X_6R3M2T
6.3
14
0.40
0.49
120
C
595D127X_6R3C2T
7.6
8
0.19
0.76
180
D
595D187X_6R3D2T
11.3
8
0.14
1.04
220
C
595D227X_6R3C2T
13.9
8
0.18
0.78
220
D
595D227X_6R3D2T
13.9
8
0.14
1.04
220
G
595D227X_6R3G2T
13.9
8
0.18
0.75
220
H
595D227X_6R3H2T
13.9
8
0.18
0.75
330
C
595D337X_6R3C2T
20.8
8
0.17
0.80
330
C
595D337X_6W3C2T
20.8
8
0.17
0.80
330
D
595D337X_6R3D2T
20.8
8
0.14
1.04
330
R
595D337X_6R3R2T
20.8
8
0.13
1.39
390
R
595D397X_6R3R2T
24.6
8
0.13
1.39
470
D
595D477X_6R3D2T
29.6
8
0.13
1.07
470
D
595D477X_6W3D2T
29.6
10
0.12
1.44
470
R
595D477X_6R3R2T
29.6
10
0.12
1.44
560
R
595D567X_6R3R2T
35.3
10
0.11
1.51
680
R
595D687X_6R3R2T
42.8
10
0.09
1.66
680
R
595D687X_6W3R2T
42.8
10
0.09
1.66
1000
R
595D108X_6R3R2T
63.0
16
0.07
1.88
1000
R
595D108X_6W3R2T
63.0
16
0.07
1.88


Similar Part No. - 595D226X_025C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D226X-025C2T VISHAY-595D226X-025C2T Datasheet
115Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Revision: 04-Sep-06
More results

Similar Description - 595D226X_025C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com