Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

893D106X9010B8W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 893D106X9010B8W
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

893D106X9010B8W Datasheet(HTML) 2 Page - Vishay Siliconix

  893D106X9010B8W Datasheet HTML 1Page - Vishay Siliconix 893D106X9010B8W Datasheet HTML 2Page - Vishay Siliconix 893D106X9010B8W Datasheet HTML 3Page - Vishay Siliconix 893D106X9010B8W Datasheet HTML 4Page - Vishay Siliconix 893D106X9010B8W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 40008
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 08-Feb-08
61
893D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Built-In-Fuse Miniature, Molded-Case
Vishay Sprague
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.47
C
0.68
C
1.0
C
1.5
C
C
2.2
D
C
C/D
3.3
C
C
C/D
4.7
C
C
C/D
D
6.8
C
C
C
D
D/E
10
C
C
C
C/D
D
15
C
C
C
C/D
D
D/E
22
C
C
C/D
D
D/E
E
33
C
C/D
C/D
D/E
E
47
C/D
C/D
D/E
E
68
C
C/D
D/E
D
E
100
C
D/E
D
E
150
D
D
D/E
220
D
D/E
E
330
D/E
E
470
E
CONSTRUCTION AND MARKING
Marking: Capacitors shall be marked with an anode polarity
band, capacitance (in microfarads) and the rated DC working
voltage 85
°C. The capacitance voltage will be separated by the
letter “F” indicating a fused capacitor. Units rated at 6.3 V shall
be marked as 6 V.
Lead Frame
Epoxy Encapsulation
Anode Polarity Bar
Solderable Cathode
Termination
Silver Adhesive
MnO2/Carbon/Silver
Coating
Solderable Anode
Termination
Sintered Tantalum
Pellet
Fusible
Wire
Capacitance
Polarity
Band
Date Code
Vishay Sprague
Logo
22
10
XX
2
F
Voltage
FUSE ACTIVATION
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
TYPICAL CURVE
CURRENT (A)
10
1
0.1
0.01
0.001
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10


Similar Part No. - 893D106X9010B8W

ManufacturerPart #DatasheetDescription
logo
3M Electronics
893 3M-893 Datasheet
559Kb / 4P
   3M??Scotch짰 Filament Tape 893
logo
Glenair, Inc.
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
   Circular Breakaway
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
   Circular Threaded
893-010 GLENAIR-893-010 Datasheet
1Mb / 3P
   Circular Breakaway
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
   Circular Threaded
More results

Similar Description - 893D106X9010B8W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com