Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2323DS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI2323DS
Description  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2323DS Datasheet(HTML) 4 Page - Vishay Siliconix

  SI2323DS_08 Datasheet HTML 1Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 2Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 3Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 4Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 5Page - Vishay Siliconix SI2323DS_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 72024
S-81954-Rev. C, 25-Aug-08
Vishay Siliconix
Si2323DS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
0.1
10
20
0.0
0.2
0.4
0.6
0.8
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1
TJ = 25 °C
- 0.2
- 0.1
0.0
0.1
0.2
0.3
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 140 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.03
0.06
0.09
0.12
0.15
012345
ID = 4.7 A
VGS - Gate-to-Source Voltage (V)
ID = 2 A
0.01
0
1
6
12
2
4
10
600
0.1
Time (s)
8
10
100
TA = 25 °C
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
TA = 25 °C
Single Pulse
P(t) = 10
DC
0.1
ID(on)
Limited
RDS(on)*
Limited by
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001
IDM Limited
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI2323DS_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2323DS-3 KEXIN-SI2323DS-3 Datasheet
1Mb / 5P
   P-Channel Enhancement MOSFET
SI2323DS-HF KEXIN-SI2323DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2323DS-HF-3 KEXIN-SI2323DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2323DS-RC VISHAY-SI2323DS-RC Datasheet
185Kb / 3P
   R-C Thermal Model Parameters
Revision 22-Aug-05
SI2323DS-T1-GE3 VISHAY-SI2323DS-T1-GE3 Datasheet
197Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. D, 02-Feb-09
More results

Similar Description - SI2323DS_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com