Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT3535ER1R5LM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPT3535ER1R5LM
Description  Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT3535ER1R5LM Datasheet(HTML) 1 Page - Vishay Siliconix

  LPT3535ER1R5LM Datasheet HTML 1Page - Vishay Siliconix LPT3535ER1R5LM Datasheet HTML 2Page - Vishay Siliconix LPT3535ER1R5LM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPT-3535
Vishay Dale
Document Number: 34068
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Oct-08
163
Inductors/Transformers Customizable, Surface Mount
Torodial, Kool Mu®*, Powdered Iron and MPP Cores
DIMENSIONS in inches [millimeters]
Pad Layout
0.160
[4.06]
0.392 sq.
[9.96 sq.]
0.120
[3.05]
0.392 sq.
[9.96 sq.]
Dimensional Outline
2
3
1
4
Vishay Dale
LPT-3535-
xxxLX
0.362 ± 0.005 Dia.
[9.19 ± 0.127]
0.450 [11.43]
Max.
0.350 ± 0.005 Dia.
[8.89 ± 0.127]
0.235
[5.97]
Max.
FEATURES
Toroidal design for minimal EMI radiation in DC to DC converter
applications
• Designed to support the growing need for efficient DC to DC
converters in battery operated equipment
• Two separate windings provide versatility by ability to connect
windings in series or parallel
• Operating Temperature Range: - 40 °C to + 125 °C
• Supplied on tape and reel and is designed to be pick and place compatible
• Custom versions and turns ratios available. Contact the factory with your
specifications
STANDARD ELECTRICAL SPECIFICATIONS (In Parallel)
MODEL
KOOL MU® CORE (A)
STANDARD
IND. VALUES
ACTUAL IND. - µH
(LOC) ± 15 %
RATED IDC
(40 °C)
IND. AT IDC
(LBIAS) [30 %]
DCR
Ω
LPT3535ER1R0LK
LPT3535ER1R5LK
LPT3535ER2R5LK
LPT3535ER3R3LK
LPT3535ER5R0LK
LPT3535ER100LK
LPT3535ER150LK
LPT3535ER250LK
LPT3535ER330LK
LPT3535ER500LK
LPT3535ER101LK
LPT3535ER151LK
LPT3535ER251LK
LPT3535ER331LK
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.800
1.80
2.45
3.20
5.00
11.3
16.2
26.5
33.8
51.2
101
151
252
328
6.42
4.77
4.45
3.73
3.01
1.95
1.59
1.25
1.05
0.84
0.63
0.57
0.40
0.33
0.48 at 7.05
1.07 at 4.70
1.46 at 4.03
1.90 at 3.52
2.98 at 2.82
6.69 at 1.88
9.64 at 1.57
15.7 at 1.23
20.1 at 1.08
30.5 at 0.88
60.2 at 0.63
90.0 at 0.51
150.0 at 0.40
195.0 at 0.35
0.005
0.009
0.011
0.015
0.023
0.055
0.081
0.131
0.182
0.280
0.514
0.775
1.279
1.837
POWDER IRON (B)
LPT3535ER1R0LP
LPT3535ER1R5LP
LPT3535ER2R5LP
LPT3535ER3R3LP
LPT3535ER5R0LP
LPT3535ER100LP
LPT3535ER150LP
LPT3535ER250LP
LPT3535ER330LP
LPT3535ER500LP
LPT3535ER101LP
LPT3535ER151LP
LPT3535ER251LP
LPT3535ER331LP
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.882
1.57
2.45
3.53
4.80
10.8
15.3
25.1
33.5
51.8
104
153
250
330
5.10
4.48
3.58
2.96
2.41
1.58
1.29
1.03
0.85
0.68
0.51
0.41
0.33
0.27
0.56 at 4.29
0.99 at 3.21
1.54 at 2.57
2.22 at 2.14
3.03 at 1.84
6.81 at 1.22
9.65 at 1.03
15.8 at 0.80
21.1 at 0.70
32.7 at 0.56
65.2 at 0.40
96.3 at 0.33
157.0 at 0.25
208.0 at 0.22
0.004
0.005
0.009
0.013
0.018
0.043
0.064
0.103
0.147
0.230
0.424
0.645
1.031
1.463
MPP (C)
LPT3535ER1R0LM
LPT3535ER1R5LM
LPT3535ER2R5LM
LPT3535ER3R3LM
LPT3535ER5R0LM
LPT3535ER100LM
LPT3535ER150LM
LPT3535ER250LM
LPT3535ER330LM
LPT3535ER500LM
LPT3535ER101LM
LPT3535ER151LM
LPT3535ER251LM
LPT3535ER331LM
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.800
1.80
2.45
3.20
5.00
11.3
16.2
26.5
33.8
51.2
101
151
252
328
6.45
4.80
4.46
3.73
3.02
1.94
1.59
1.26
1.05
0.84
0.64
0.52
0.40
0.33
0.52 at 7.05
1.16 at 4.70
1.58 at 4.03
2.06 at 3.52
3.22 at 2.82
7.25 at 1.88
10.43 at 1.57
17.0 at 1.23
21.8 at 1.08
33.0 at 0.88
97.4 at 0.51
65.2 at 0.63
162.0 at 0.51
211.0 at 0.35
0.005
0.009
0.011
0.015
0.023
0.055
0.081
0.131
0.182
0.280
0.514
0.775
1.279
1.837
RoHS
COMPLIANT
NOTE Series is also available with SnPb terminations by using package code RH for tape and reel (in place of ER) or SM for bulk (in place of EB).
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
5
3
T
P
3
1
R
E
5
0
K
L
1
PRODUCT FAMILY
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
A
CORE/HEIGHT
K = KOOL MU® (A)
P = POWER IRON (B)
M = MPP (C)
± 15 %
INDUCTANCE
TOLERANCE
100 µH
INDUCTANCE
VALUE
3535
SIZE
LPT
MODEL
ER
PACKAGE CODE
ER = Reel
EB = Bulk
e2
JEDEC LEAD (Pb)-FREE
STANDARD
SIZE
* Kool Mu® is a registered trademark of Spang & Company


Similar Part No. - LPT3535ER1R5LM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT3535ER1R5LM VISHAY-LPT3535ER1R5LM Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT3535ER1R5LM VISHAY-LPT3535ER1R5LM Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT3535ER1R5LM VISHAY-LPT3535ER1R5LM Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
More results

Similar Description - LPT3535ER1R5LM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
Revision 28-Aug-02
LPT-3535 VISHAY-LPT-3535_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT3535 VISHAY-LPT3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
Revision: 10-Aug-06
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
logo
Magnetics, a division o...
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
   Kool Mµ® Hƒ Powder Cores
2/24/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com