Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1563EDH-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1563EDH-T1-E3
Description  Complementary 20-V (D-S) Low-Threshold MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1563EDH-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1563EDH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI1563EDH-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 71416
S-80257-Rev. C, 04-Feb-08
Vishay Siliconix
Si1563EDH
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 100 µA
N-Ch
0.45
V
VDS = VGS, ID = - 100 µA
P-Ch
- 0.45
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
N-Ch
± 1
µA
P-Ch
± 1
VDS = 0 V, VGS = ± 12 V
N-Ch
± 10
mA
P-Ch
± 10
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
N-Ch
1
µA
VDS = - 16 V, VGS = 0 V
P-Ch
- 1
VDS = 16 V, VGS = 0 V, TJ = 85 °C
N-Ch
5
VDS = - 16 V, VGS = 0 V, TJ = 85 °C
P-Ch
- 5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
N-Ch
2
A
VDS ≤ - 5 V, VGS = - 4.5 V
P-Ch
- 2
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 1.13 A
N-Ch
0.220
0.280
Ω
VGS = - 4.5 V, ID = - 0.88 A
P-Ch
0.400
0.490
VGS = 2.5 V, ID = 0.99 A
N-Ch
0.281
0.360
VGS = - 2.5 V, ID = - 0.71 A
P-Ch
0.610
0.750
VGS = 1.8 V, ID = 0.20 A
N-Ch
0.344
0.450
VGS = - 1.8 V, ID = - 0.20 A
P-Ch
0.850
1.10
Forward Transconductancea
gfs
VDS = 10 V, ID = 1.13 A
N-Ch
2.6
S
VDS = - 10 V, ID = - 0.88 A
P-Ch
1.5
Diode Forward Voltagea
VSD
IS = 0.48 V, VGS = 0 V
N-Ch
0.8
1.2
V
IS = - 0.48 V, VGS = 0 V
P-Ch
- 0.8
- 1.2
Dynamicb
Total Gate Charge
Qg
N-Channel
VDS = 10 V, VGS = 4.5 V, ID = 1.13 A
P-Channel
VDS = - 10 V, VGS = - 4.5 V, ID = - 0.88 A
N-Ch
0.65
1.0
nC
P-Ch
1.2
1.8
Gate-Source Charge
Qgs
N-Ch
0.2
P-Ch
0.3
Gate-Drain Charge
Qgd
N-Ch
0.23
P-Ch
0.3
Turn-On Delay Time
td(on)
N-Channel
VDD = 10 V, RL = 20 Ω
ID ≅ 0.5 A, VGEN = 4.5 V, Rg = 6 Ω
P-Channel
VDD = - 10 V, RL = 20 Ω
ID ≅ - 0.5 A, VGEN = - 4.5 V, Rg = 6 Ω
N-Ch
45
70
ns
P-Ch
150
230
Rise Time
tr
N-Ch
85
130
P-Ch
480
720
Turn-Off Delay Time
td(off)
N-Ch
350
530
P-Ch
840
1200
Fall Time
tf
N-Ch
210
320
P-Ch
850
1200


Similar Part No. - SI1563EDH-T1-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI1563EDH-T1-GE3 VBSEMI-SI1563EDH-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results

Similar Description - SI1563EDH-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH_10 Datasheet
281Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
SI1563DH-T1-E3 VISHAY-SI1563DH-T1-E3 Datasheet
283Kb / 14P
   Complementary 20 V (D-S) Low-Threshold MOSFET
Rev. B, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com