Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE3325ER330MG Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE3325ER330MG
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE3325ER330MG Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE3325ER330MG Datasheet HTML 1Page - Vishay Siliconix LPE3325ER330MG Datasheet HTML 2Page - Vishay Siliconix LPE3325ER330MG Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34063
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Oct-08
153
LPE-3325
Vishay Dale
Surface Mount Transformers/Inductors,
Gapped and Ungapped, Custom Configurations Available
NOTE: Pad layout guidelines per MIL-STD-275E
(printed wiring for electronic equipment).
Tolerances: xx ± 0.01" [± 0.25 mm]. xxx ± 0.005"
[± 0.12 mm]
DIMENSIONS in inches [millimeters]
0.056 [1.42]
Pad Dimensions Typical,
6 places
0.073 [1.85]
0.042
[1.07]
0.232
[5.89]
0.288
[7.32]
Reference
Only
Typical
two
places
Pad Layout
0.256 [6.50]
Max.
3
1
4
6
Clip Opening
Opposite Pin 1
Dimensional Outline
0.205 [5.21]
Max.
0.323 [8.20]
Max.
Foot print Diagram
0.268
[6.81]
0.028
[0.71]
0.028 [0.71]
0.073 [1.85]
Typ.
ELECTRICAL SPECIFICATIONS
Inductance Range: 10 µH to 3900 µH, measured at 0.10 V RMS at
10 kHz without DC current, using an HP 4263A or 4284A impedance
analyzer
DC Resistance Range: 0.06
Ω to 18.0 Ω, measured at + 25 °C ± 5 °C
Rated Current Range: 1.00 amps to 0.06 amps
Dielectric Withstanding Voltage: 500 V RMS, 60 Hz, 5 seconds
* DC current that will create a maximum temperature rise of 30 °C when applied at + 25 °C
ambient. ** DC current that will typically reduce the initial inductance by 20 %.
UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest
Q capability. Beneficial in filter, impedance matching and line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter
inductance tolerance with better temperature stability than ungapped models. Beneficial
in DC to DC converters or other circuits carrying DC currents or requiring inductance
stability over a temperature range.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
IND.
TOL.
SCHEMATIC
LETTER
DCR
MAX.
(Ohms)
MAX. RATED*
DC CURRENT
(Amps)
SATURATING
CURRENT**
(Amps)
Ungapped Models (A)
LPE3325ER100NU
LPE3325ER150NU
LPE3325ER220NU
LPE3325ER330NU
LPE3325ER470NU
LPE3325ER680NU
10
15
22
33
47
68
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.06
0.08
0.09
0.11
0.14
0.16
1.01
0.91
0.83
0.75
0.69
0.63
N/A
N/A
N/A
N/A
N/A
N/A
LPE3325ER101NU
LPE3325ER151NU
LPE3325ER221NU
LPE3325ER331NU
LPE3325ER471NU
LPE3325ER681NU
100
150
220
330
470
680
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.20
0.76
0.92
1.13
1.35
1.62
0.57
0.29
0.26
0.24
0.22
0.20
N/A
N/A
N/A
N/A
N/A
N/A
LPE3325ER102NU
LPE3325ER152NU
LPE3325ER222NU
LPE3325ER332NU
LPE3325ER392NU
1000
1500
2200
3300
3900
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
1.97
2.41
3.00
5.96
7.00
0.18
0.16
0.15
0.10
0.10
N/A
N/A
N/A
N/A
N/A
Gapped Models (B)
LPE3325ER100MG
LPE3325ER150MG
LPE3325ER220MG
LPE3325ER330MG
LPE3325ER470MG
LPE3325ER680MG
10
15
22
33
47
68
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
A
A
A
A
A
A
0.22
0.27
0.42
0.65
0.97
1.45
0.54
0.48
0.39
0.31
0.26
0.21
1.480
1.240
1.050
0.872
0.740
0.622
LPE3325ER101MG
LPE3325ER151MG
LPE3325ER221MG
LPE3325ER331MG
LPE3325ER471MG
LPE3325ER681MG
LPE3325ER102MG
100
150
220
330
470
680
1000
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
A
A
A
A
A
A
A
2.22
3.55
4.31
6.72
9.83
14.8
18.0
0.17
0.13
0.12
0.10
0.08
0.07
0.06
0.518
0.426
0.354
0.290
0.244
0.204
0.169
RoHS
COMPLIANT
NOTE Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB).
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
3
3
E
P
2
1
R
E
5
0
U
N
2
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
A
CORE
± 30 %
INDUCTANCE TOLERANCE
1000 µH
INDUCTANCE VALUE
3325
SIZE
LPE
MODEL
ER
PACKAGE CODE
e2
JEDEC LEAD (Pb)-FREE STANDARD


Similar Part No. - LPE3325ER330MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE3325ER330MG VISHAY-LPE3325ER330MG Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors
Revision: 24-Feb-11
LPE3325ER330MG VISHAY-LPE3325ER330MG Datasheet
101Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE3325ER330MG VISHAY-LPE3325ER330MG Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results

Similar Description - LPE3325ER330MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com