Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE4841ER152NU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE4841ER152NU
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE4841ER152NU Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE4841ER152NU Datasheet HTML 1Page - Vishay Siliconix LPE4841ER152NU Datasheet HTML 2Page - Vishay Siliconix LPE4841ER152NU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPE-4841
Vishay Dale
Document Number: 34064
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Oct-08
155
Surface Mount Transformers/Inductors,
Gapped and Ungapped Custom Configurations Available
NOTE: Pad layout guidelines per MIL-STD-275E
(printed wiring for electronic equipment).
Tolerances: xx ± 0.01" [± 0.25 mm]; xxx ± 0.005"
[± 0.12 mm]
The underside of these components contains
metal and thus should not come in contact with
active circuit traces.
DIMENSIONS in inches [millimeters]
0.045 [1.14]
Pad Dimensions
Typical, 8 places
0.079 [2.01]
0.045
[1.14]
0.382
[9.70]
0.427
[10.85]
Reference Only
Typical
3 places
Pad Layout
0.421
[10.69]
Max.
4
1
5
8
0.492 [12.50]
Max.
Dimensional Outline
0.248 [6.30]
Max.
Foot print Diagram
0.400
[10.16]
0.028
[.71]
0.028
[.71]
0.079
[2.01]
Typ.
ELECTRICAL SPECIFICATIONS
Inductance Range: 10 µH to 47 000 µH, measured at 0.10 V RMS at
10 kHz without DC current, using an HP 4263A or HP 4284A
impedance analyzer
DC Resistance Range: 0.03
Ω to 19.1 Ω, measured at + 25 °C ± 5 °C
Rated Current Range: 2.00 amps to 0.09 amps
Dielectric Withstanding Voltage: 500 V RMS, 60 Hz, 5 seconds
* DC current that will create a maximum temperature rise of 30 °C when applied at + 25 °C
ambient. ** DC current that will typically reduce the initial inductance by 20 %.
UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest
Q capability. Beneficial in filter, impedance matching and line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter
inductance tolerance with better temperature stability than ungapped models. Beneficial
in DC to DC converters or other circuits carrying DC currents or requiring inductance
stability over a temperature range.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
IND.
TOL.
SCHEMATIC
LETTER
DCR
MAX.
(Ohms)
MAX. RATED*
DC CURRENT
(Amps)
SATURATING
CURRENT**
(Amps)
Ungapped Models (A)
LPE4841ER101NU
LPE4841ER151NU
LPE4841ER221NU
LPE4841ER331NU
LPE4841ER471NU
LPE4841ER681NU
100
150
220
330
470
680
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.17
0.21
0.25
0.30
0.36
0.44
0.88
0.79
0.721
0.65
0.60
0.54
N/A
N/A
N/A
N/A
N/A
N/A
LPE4841ER102NU
LPE4841ER152NU
LPE4841ER222NU
LPE4841ER332NU
LPE4841ER472NU
LPE4841ER682NU
1000
1500
2200
3300
4700
6800
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
A
0.53
0.65
0.79
1.55
1.85
4.36
0.49
0.45
0.40
0.29
0.26
0.17
N/A
N/A
N/A
N/A
N/A
N/A
LPE4841ER103NU
LPE4841ER153NU
LPE4841ER223NU
LPE4841ER333NU
LPE4841ER473NU
10 000
15 000
22 000
33 000
47 000
± 30 %
± 30 %
± 30 %
± 30 %
± 30 %
A
A
A
A
A
5.29
6.48
13.1
16.0
19.1
0.16
0.14
0.10
0.09
0.08
N/A
N/A
N/A
N/A
N/A
Gapped Models (B)
LPE4841ER100MG
LPE4841ER150MG
LPE4841ER220MG
LPE4841ER330MG
LPE4841ER470MG
LPE4841ER680MG
10
15
22
33
47
68
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
B
B
C
C
D
D
0.03
0.04
0.07
0.09
0.13
0.21
2.03
1.84
1.32
1.20
0.98
0.79
2.320
1.925
1.610
1.330
1.125
0.941
LPE4841ER101MG
LPE4841ER151MG
LPE4841ER221MG
LPE4841ER331MG
LPE4841ER471MG
LPE4841ER681MG
100
150
220
330
470
680
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
E
E
E
E
E
E
0.35
0.48
0.73
1.14
1.36
2.07
0.58
0.52
0.42
0.34
0.31
0.25
0.781
0.641
0.532
0.436
0.366
0.305
LPE4841ER102MG
LPE4841ER152MG
LPE4841ER222MG
LPE4841ER332MG
LPE4841ER472MG
1000
1500
2200
3300
4700
± 20 %
± 20 %
± 20 %
± 20 %
± 20 %
E
E
E
E
E
3.15
4.76
7.29
11.7
17.7
0.20
0.16
0.13
0.11
0.09
0.252
0.206
0.170
0.139
0.117
RoHS
COMPLIANT
NOTE Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB).
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
8
4
E
P
4
1
R
E
1
0
U
N
2
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
A
CORE
± 30 %
INDUCTANCE TOLERANCE
1000 µH
INDUCTANCE VALUE
4841
SIZE
LPE
MODEL
ER
PACKAGE CODE
e2
JEDEC LEAD (Pb)-FREE STANDARD


Similar Part No. - LPE4841ER152NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE4841ER152NU VISHAY-LPE4841ER152NU Datasheet
119Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE4841ER152NU VISHAY-LPE4841ER152NU Datasheet
116Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE4841ER152NU VISHAY-LPE4841ER152NU Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results

Similar Description - LPE4841ER152NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com