Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE4841ER471NU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LPE4841ER471NU
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE4841ER471NU Datasheet(HTML) 2 Page - Vishay Siliconix

  LPE4841ER471NU Datasheet HTML 1Page - Vishay Siliconix LPE4841ER471NU Datasheet HTML 2Page - Vishay Siliconix LPE4841ER471NU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34064
156
Revision: 10-Oct-08
LPE-4841
Vishay Dale
Surface Mount Transformers/Inductors,
Gapped and Ungapped Custom Configurations Available
NOTE: Schematic A is for Ungapped LPE Series
* Must be checked in end use application
NOTE: Top view shown with cover tape removed
SCHEMATIC (TOP VIEW)
Schematic A
5
6
7
8
4
3
2
1
Schematic B
5
6
7
8
4
3
2
1
Schematic C
4
3
2
1
5
6
7
8
Schematic D
5
6
7
8
4
3
2
1
Schematic E
5
6
7
8
4
3
2
1
ENVIRONMENTAL PERFORMANCE
TEST
CONDITIONS
Thermal Cycling
Withstands - 55 °C to + 125 °C
Operating Temperature - 55 °C to + 125 °C*
High Humidity
85 %
Soldering Heat
Tested to + 230 °C
Mechanical Shock
Per MIL-STD-202, Method 213 (100G)
Vibration
Per MIL-STD-202, Method 204 (20G)
Solderability
Per industry standards
PART MARKING
- Vishay Dale
- Date code
- Marking code (Suffix of model #)
- Pin 1 indicator
PACKAGING
TAPE SPECIFICATIONS:
Carrier Tape Type: Conductive
Cover Tape Type: Anti-static
Cover Tape Adhesion to Carrier: 40 ± 30 grams
REEL SPECIFICATIONS:
Diameter (flange): 13" [330.2 mm]
Maximum Width (over flanges): 1.197" [30.4 mm]
STANDARDS: All embossed carrier tape packaging will be
accomplished in compliance with latest revision of EIA-481
Taping
of
Surface
Mount
Components
for
Automatic
Placement”.
MODEL
TAPE
WIDTH
COMPONENT
PITCH
UNITS PER
13 INCH REEL
LPE-4841
24 mm
16 mm
600
Tape and Reel Orientation
USER DIRECTION OF FEED
Pin 1
Indicator
Label Area
Embossed
Cavity
Cover Tape
Carrier Tape


Similar Part No. - LPE4841ER471NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE4841ER471NU VISHAY-LPE4841ER471NU Datasheet
119Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE4841ER471NU VISHAY-LPE4841ER471NU Datasheet
116Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE4841ER471NU VISHAY-LPE4841ER471NU Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results

Similar Description - LPE4841ER471NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com