Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1300BDL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1300BDL
Description  N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1300BDL Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1300BDL Datasheet HTML 1Page - Vishay Siliconix SI1300BDL Datasheet HTML 2Page - Vishay Siliconix SI1300BDL Datasheet HTML 3Page - Vishay Siliconix SI1300BDL Datasheet HTML 4Page - Vishay Siliconix SI1300BDL Datasheet HTML 5Page - Vishay Siliconix SI1300BDL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si1300BDL
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73557
S–52388—Rev. A, 21–Nov–05
TYPICAL CHARACTERISTICS (25 _C UNLESS NOTED)
Safe Operating Area
10
ms, 100 ms
TA = 25
_C
Single Pulse
1 ms
VDS – Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified
10 ms
100 m
1 s,
10 s,
100 s
0.0
0.3
0.6
0.9
1.2
1.5
0.0
1.0
2.0
3.0
4.0
5.0
012345
Forward Diode Voltage vs. Temp
rDS(on) vs VGS vs Temperature
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TA = 25 _C
TA = 125 _C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ – Temperature (_C)
0.001
0.1
1.0
10.0
0
Single Pulse Power, Junction-to-Ambient
Time (sec)
1
100
1000
10
0.1
0.01
0.001
0.01
0.1
1
10
0.1
1
10
100
BVDSS Limited
TA = 25 _C
0.01
TJ = 150 _C
0.001
2
4
6
8
10
*Limited by rDS(on)
TJ = 25 _C


Similar Part No. - SI1300BDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1300BDL VISHAY-SI1300BDL Datasheet
131Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
SI1300BDL VISHAY-SI1300BDL_10 Datasheet
131Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. C, 08-Nov-10
More results

Similar Description - SI1300BDL

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com