Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1071X-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1071X-T1-GE3
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1071X-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1071X-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI1071X-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 74321
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1071X
New Product
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.01
0.1
1
10
VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.06
0.12
0.18
0.24
0.30
0.36
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
ID = 0.96 A
TA = 125 °C
TA = 25 °C
Time (s)
0.01
0.1
1
10
100
1000
0
1
2
3
4
5
Safe Operating Area, Junction-to-Ambient
DC
1 s
10 s
100 ms
10 ms
Limited by RDS(on)*
BVDSS Limited
T = 25 °C
Single Pulse
0.001
0.01
0.1
1
10
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
A


Similar Part No. - SI1071X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1071X VISHAY-SI1071X Datasheet
103Kb / 4P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 31-Aug-09
SI1071X VISHAY-SI1071X_09 Datasheet
103Kb / 4P
   P-Channel 30 V (D-S) MOSFET
Rev. A, 31-Aug-09
More results

Similar Description - SI1071X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com