Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1050X Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1050X
Description  N-Channel 8-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1050X Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1050X Datasheet HTML 1Page - Vishay Siliconix SI1050X Datasheet HTML 2Page - Vishay Siliconix SI1050X Datasheet HTML 3Page - Vishay Siliconix SI1050X Datasheet HTML 4Page - Vishay Siliconix SI1050X Datasheet HTML 5Page - Vishay Siliconix SI1050X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si1050X
Document Number: 73896
S-80641-Rev. B, 24-Mar-08
www.vishay.com
1
N-Channel 8-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Load Switch for Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
8
0.086 at VGS = 4.5 V
1.34a
7.1
0.093 at VGS = 2.5 V
1.29
0.102 at VGS = 1.8 V
1.23
0.120 at VGS = 1.5 V
0.7
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 650 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
8
V
Gate-Source Voltage
VGS
± 5
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
1.34b, c
A
TA = 70 °C
1.07b, c
Pulsed Drain Current
IDM
6
Continuous Source-Drain Diode Current
TA = 25 °C
IS
0.2b, c
Maximum Power Dissipationa
TA = 25 °C
PD
0.236b, c
W
TA = 70 °C
0.151b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
440
530
°C/W
Steady State
540
650
Ordering Information: Si1050X-T1-E3 (Lead (Pb)-free)
Si1050X-T1-GE3 (Lead (Pb)-free and Halogen-free)
SC-89 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Marking Code
Q
XX
Lot Traceability
and Date Code
Part # Code
RoHS
COMPLIANT


Similar Part No. - SI1050X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
124Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. D, 08-Nov-10
logo
Vishay Telefunken
SI1050X TFUNK-SI1050X Datasheet
152Kb / 8P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
154Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI1050X VISHAY-SI1050X_10 Datasheet
124Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. D, 08-Nov-10
More results

Similar Description - SI1050X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com