Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1031X Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1031X
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1031X Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1031X Datasheet HTML 1Page - Vishay Siliconix SI1031X Datasheet HTML 2Page - Vishay Siliconix SI1031X Datasheet HTML 3Page - Vishay Siliconix SI1031X Datasheet HTML 4Page - Vishay Siliconix SI1031X Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1031R/X
Document Number: 71171
S-81543-Rev. C, 07-Jul-08
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
High-Side Switching
Low On-Resistance: 8
Ω
Low Threshold: 0.9 V (typ.)
Fast Switching Speed: 45 ns
TrenchFET® Power MOSFETs: 1.5-V Rated
ESD Protected: 2000 V
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (mA)
- 20
8 at VGS = - 4.5 V
- 150
12 at VGS = - 2.5 V
- 125
15 at VGS = - 1.8 V
- 100
20 at VGS = - 1.5 V
- 30
SC-75A (SOT - 416): Si1031R
SC-89 (SOT - 490): Si1031X
Top View
2
1
S
D
G
3
Marking Code: H
SC-75A or SC-89
Ordering Information:
Si1031R-T1-E3 (SC-75A, Lead (Pb)-free)
Si1031R-T1-GE3 (SC-75A, Lead (Pb)-free and Halogen-free)
Si1031X-T1-E3 (SC-89, Lead (Pb)-free)
Si1031X-T1-GE3 (SC-89, Lead (Pb)-free and Halogen-free)
Notes:
a. Surface Mounted on FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Si1031R
Si1031X
Unit
5 s
Steady State
5 s
Steady State
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 6
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 150
- 140
- 165
- 155
mA
TA = 85 °C
- 110
- 100
- 150
- 125
Pulsed Drain Currenta
IDM
- 500
- 600
Continuous Source Current (Diode Conduction)a
IS
- 250
- 200
- 340
- 240
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
340
300
mW
TA = 85 °C
145
130
170
150
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
RoHS
COMPLIANT


Similar Part No. - SI1031X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1031X VISHAY-SI1031X Datasheet
42Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Jul-03
More results

Similar Description - SI1031X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com