Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1013X Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1013X
Description  P-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1013X Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1013X Datasheet HTML 1Page - Vishay Siliconix SI1013X Datasheet HTML 2Page - Vishay Siliconix SI1013X Datasheet HTML 3Page - Vishay Siliconix SI1013X Datasheet HTML 4Page - Vishay Siliconix SI1013X Datasheet HTML 5Page - Vishay Siliconix SI1013X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 71167
S-81444-Rev. C, 23-Jun-08
www.vishay.com
3
Vishay Siliconix
Si1013R/X
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Surge-Drain Diode Forward Voltage
0.0
0.8
1.6
2.4
3.2
4.0
0
200
400
600
800
1000
ID - Drain Current (mA)
VGS = 1.8 V
VGS = 4.5 V
VGS = 2.5 V
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VDS = 10 V
ID = 250 mA
Qg - Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1000
1
VSD - Source-to-Drain Voltage (V)
TJ = 125 °C
TJ = 25 °C
TJ = - 55 °C
10
100
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
20
40
60
80
100
120
0
4
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
VGS = 4.5 V
ID = 350 mA
TJ - Junction Temperature (°C)
VGS = 1.8 V
ID = 150 mA
0
1
2
3
4
5
0123456
ID = 350 mA
VGS - Gate-to-Source Voltage (V)
ID = 200 mA


Similar Part No. - SI1013X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1013X VISHAY-SI1013X Datasheet
44Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
Si1013X VISHAY-Si1013X Datasheet
158Kb / 8P
   P-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
Si1013X-T1-GE3 VISHAY-Si1013X-T1-GE3 Datasheet
158Kb / 8P
   P-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results

Similar Description - SI1013X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com