Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT1820 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKT1820
Description  DC Film Capacitor MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1820 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKT1820 Datasheet HTML 4Page - Vishay Siliconix MKT1820 Datasheet HTML 5Page - Vishay Siliconix MKT1820 Datasheet HTML 6Page - Vishay Siliconix MKT1820 Datasheet HTML 7Page - Vishay Siliconix MKT1820 Datasheet HTML 8Page - Vishay Siliconix MKT1820 Datasheet HTML 9Page - Vishay Siliconix MKT1820 Datasheet HTML 10Page - Vishay Siliconix MKT1820 Datasheet HTML 11Page - Vishay Siliconix MKT1820 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 26011
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 23-Oct-08
11
MKT 1820
DC Film Capacitor
MKT Radial Potted Type
Vishay Roederstein
SUB-GROUP C3
4.12
Endurance
Duration: 2000 h
1.25 x URdc at 85 °C
1.0 x URdc at 100 °C
0.6 URdc at 125 °C
Duration: 200 h
0.3 x URdc at 150 °C
4.12.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C
> 1 µF at 1 kHz
4.12.5
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
ΔC/C| ≤ 5 % compared to values measured
in 4.12.1
Tangent of loss angle
Increase of tan
δ:
≤ 0.003 for C ≤ 1 µF or
≤ 0.002 for C > 1 µF
Compared to values measured in 4.12.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C4
4.13
Charge and discharge
10 000 cycles
Charged to URdc
Discharge resistance:
4.13.1
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C
> 1 µF at 1 kHz
4.13.3
Final measurements
Capacitance
|
ΔC/C| ≤ 3 % compared to values measured
in 4.13.1
Increase of tan
δ:
≤ 0.003 for C ≤ 1 µF or
≤ 0.002 for C > 1 µF
Compared to values measured in 4.13.1
Insulation resistance
≥ 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
U
R
C
5
dU dt
()
×
×
-----------------------------------------
=


Similar Part No. - MKT1820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-410 VISHAY-MKT1820-410 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-422 VISHAY-MKT1820-422 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-515 VISHAY-MKT1820-515 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-610 VISHAY-MKT1820-610 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
More results

Similar Description - MKT1820

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237353104 VISHAY-BFC237353104 Datasheet
187Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com