![]() |
Electronic Components Datasheet Search |
|
MKT468 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
MKT468 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 9 page ![]() www.vishay.com For technical questions contact: filmcaps.roeselare@vishay.com Document Number: 28106 90 Revision: 21-Nov-05 MKT 468 MKT/MKT 468 Vishay BCcomponents Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type COMPOSITION OF CATALOG NUMBER SPECIFIC REFERENCE DATA DESCRIPTION VALUE Tangent of loss angle: at 1 kHz at 10 kHz at 100 kHz C ≤ 0.1 µF ≤ 75 × 10−4 ≤ 120 × 10−4 ≤ 200 × 10−4 0.1 µF < C ≤ 0.47 µF ≤ 75 × 10−4 ≤ 120 × 10−4 ≤ 225 × 10−4 0.47 µF < C ≤ 10 µF ≤ 75 × 10−4 ≤ 120 × 10−4 − Rated voltage pulse slope (dU/dt)R: at 100 V (DC) at 250 V (DC) at 400 V (DC) at 630 V (DC) at 1000 V (DC) lmax = 17.5 mm 20V/µs 45V/µs 65V/µs 90V/µs 200 V/µs lmax = 26.0 mm 10V/µs 20V/µs 30V/µs 35V/µs 120 V/µs lmax = 30.0 mm 15V/µs 25V/µs 30V/µs 100 V/µs R between leads, for C ≤ 0.33 µF: at 100 V; 1 minute > 30000 MΩ> 30000 MΩ at 500 V; 1 minute > 30000 MΩ> 30000 MΩ RC between leads, for C > 0.33 µF: 1 minute at 100 V; 1 minute > 5000 s > 10000 s > 10000 s at 500 V; 1 minute >10 000 s R between interconnecting leads and casing; 100 V; 1 minute > 30000 MΩ> 30000 MΩ> 30000 MΩ > 30000 MΩ> 30000 MΩ Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s 160 V; 1 minute 400 V; 1 minute 640 V; 1 minute 1008 V; 1 minute 1600 V; 1 minute Withstanding (DC) voltage between leads and case 200 V; 1 minute 500 V; 1 minute 800 V; 1 minute 1260 V; 1 minute 2000 V; 1 minute 2222 468 XX XX X BFC2* 468 XX XX X TYPE PACKAGING LEAD CONFIGURATION PREFERRED TYPES C-TOL 100 V 250 V 400 V 630 V 1000 V MKT 468 loose in box lead length 3.5 + 1.0/- 0.5 mm ± 10 % 04 16 28 40 - ± 5 % 05 17 29 41 - Taped on reel (bent back) H = 16.0 mm; P 0 = 15.0 mm; reel diameter = 500 mm ± 10 % 61 63 65 67 - ± 5 % 62 64 66 68 - dimensions of these code numbers stay between brackets MKT/MKT 468 loose in box lead length 3.5 + 1.0/- 0.5 mm ± 10 % - - - - 60 ON REQUEST MKT 468 loose in box long leads: 19.0 ± 4.0 mm for lead pitch = 15.0 mm 25.0 ± 4.0 mm for lead pitch = 22.5 mm 24.0 ± 4.0 mm for lead pitch = 27.5 mm ± 10 % 515355 57 - ± 5 % 525456 58 - taped on reel H = 16.0 mm; P 0 = 12.7 mm; reel diameter = 500 mm ± 10 % 061830 42 - ± 5 % 071931 43 - TYPE AND PITCHES 468 15/7.5 mm 15.0 mm 22.5 mm 27.5 mm MULTIPLIER (nF) 0.1 2 1 3 10 4 100 5 CAPACITANCE (numerically) Example: 104 = 10 x 10 = 100 nF * Use this partnumber for those with access to the Vishay’s SAP system and Partners website within the Americas |
Similar Part No. - MKT468 |
|
Similar Description - MKT468 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |