Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT468 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT468
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT468 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT468 Datasheet HTML 1Page - Vishay Siliconix MKT468 Datasheet HTML 2Page - Vishay Siliconix MKT468 Datasheet HTML 3Page - Vishay Siliconix MKT468 Datasheet HTML 4Page - Vishay Siliconix MKT468 Datasheet HTML 5Page - Vishay Siliconix MKT468 Datasheet HTML 6Page - Vishay Siliconix MKT468 Datasheet HTML 7Page - Vishay Siliconix MKT468 Datasheet HTML 8Page - Vishay Siliconix MKT468 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 28106
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
89
MKT 468 MKT/MKT 468
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
APPLICATIONS
Blocking and coupling. Bypass and energy reservoir
MARKING
C-value; tolerance; rated voltage; code for manufacturer;
manufacturer’s type designation; manufacturer’s symbol
DIELECTRIC
Polyester film
ELECTRODES
Vacuum deposited aluminum
COATING
Flame retardant epoxy material (UL-class 94 V-0)
CONSTRUCTION
Wound mono construction
LEADS
Tinned wire
CAPACITANCE RANGE (E12 SERIES)
0.001 to 10 µF
FEATURES
Available taped and loose in box
Lead (Pb)-free product
RoHS-compliant product
CAPACITANCE TOLERANCE
± 10 %; ± 5 %
RATED (DC) VOLTAGE
100 V; 250 V; 400 V; 630 V; 1000 V
RATED (AC) VOLTAGE
63 V; 160 V; 220 V; 250 V; 250 V
CLIMATIC CATEGORY
55/105/56
RATED TEMPERATURE
85
°C
MAXIMUM APPLICATION TEMPERATURE
105
°C
REFERENCE SPECIFICATIONS
IEC 60384-2
PERFORMANCE GRADE
Grade 1 (long life)
MATERIALS
Qualified in accordance with UL94 V-0
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
filmcaps.roeselare@vishay.com
168x12(halfpage)
seating
plane (1)
α°
(2)
P
Ødt
w
l
h
lt
A
w
h'
l
F'
F
(3)
Ødt
H
15
Dimensions in mm
(1) Hole
∅ 1.3 for d
t = 0.8 mm
(2) 0
≤α < 50°
(3)
⎪F − F’⎪< 0.3 mm
F
= 7.5 + 0.6/− 0.1 mm
(4) A
= 2.5 + 1.4/− 0.5 mm
e3
RoHS
COMPLIANT


Similar Part No. - MKT468

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MKT468 ETC2-MKT468 Datasheet
1Mb / 39P
   Metallized polyester film capacitors
Vishay Siliconix
Vishay Siliconix
MKT468 VISHAY-MKT468 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
More results

Similar Description - MKT468

ManufacturerPart #DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com