Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT468 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MKT468
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT468 Datasheet(HTML) 6 Page - Vishay Siliconix

  MKT468 Datasheet HTML 1Page - Vishay Siliconix MKT468 Datasheet HTML 2Page - Vishay Siliconix MKT468 Datasheet HTML 3Page - Vishay Siliconix MKT468 Datasheet HTML 4Page - Vishay Siliconix MKT468 Datasheet HTML 5Page - Vishay Siliconix MKT468 Datasheet HTML 6Page - Vishay Siliconix MKT468 Datasheet HTML 7Page - Vishay Siliconix MKT468 Datasheet HTML 8Page - Vishay Siliconix MKT468 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28106
94
Revision: 21-Nov-05
MKT 468 MKT/MKT 468
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
Tamb
≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
2
10
3
10
4
10
5
10
6
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
85
°C < Tamb ≤ 105 °C, 100 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
Tamb
≤ 85 °C, 250 VDC
270
nF
5.6
µF
2.2
µF
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
85
°C < Tamb ≤ 105 °C, 250 VDC
270
nF
5.6
µF
2.2
µF
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
Tamb
≤ 85 °C, 400 VDC
120
nF
470
nF
2.2
µF
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
6
10
2
10
5
85
°C < Tamb ≤ 105 °C, 400 VDC
120
nF
470
nF
2.2
µF


Similar Part No. - MKT468

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MKT468 ETC2-MKT468 Datasheet
1Mb / 39P
   Metallized polyester film capacitors
Vishay Siliconix
Vishay Siliconix
MKT468 VISHAY-MKT468 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
More results

Similar Description - MKT468

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz