Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT468 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT468
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT468 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKT468 Datasheet HTML 1Page - Vishay Siliconix MKT468 Datasheet HTML 2Page - Vishay Siliconix MKT468 Datasheet HTML 3Page - Vishay Siliconix MKT468 Datasheet HTML 4Page - Vishay Siliconix MKT468 Datasheet HTML 5Page - Vishay Siliconix MKT468 Datasheet HTML 6Page - Vishay Siliconix MKT468 Datasheet HTML 7Page - Vishay Siliconix MKT468 Datasheet HTML 8Page - Vishay Siliconix MKT468 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 28106
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
93
MKT/MKT 468
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 630 V; URac = 250 V
URdc = 1000 V; URac = 400 V
C
(µF)
DIMENSIONS
Wmax
× H(H’)max × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 468 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
=
3.5
± 0.5 mm
SHORT
LEADS
LONG
LEADS
ORIGINAL
PITCH
pitch
= 7.5 mm
(bent back)
C-tol
=
± 10 %
C-tol
=
± 5 %
C-tol
=
± 10 %
C-tol
=
± 5 %
LAST 5 DIGITS OF
CATALOG NUMBER
SPQ
SPQ
SPQ
LAST 5 DIGITS OF
CATALOG
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
0.039
5.0
× 14.0 (15.5) × 17.5
0.6
40393
41393
2000
1250
1200
67393
68393
1000
0.047
5.5
× 14.5 (16.0) × 17.5
0.7
40473
41473
2000
1250
1100
67473
68473
900
0.056
5.9
× 15.0 (16.5) × 17.5
0.9
40563
41563
1750
1250
1000
67563
68563
850
0.068
6.5
× 16.0 (17.5) × 17.5
1.2
40683
41683
1500
1000
800
67683
68683
750
0.082
7.3
× 16.5 (18.0) × 17.5
1.3
40823
41823
1500
1000
800
67823
68823
650
0.1
7.9
× 17.0 (18.5) × 17.5
1.4
40104
41104
1250
1000
750
67104
68104
600
0.12
7.5
× 19.5 (21.0) × 17.5
1.3
40124
41124
1250
1000
800
67124
68124
650
0.15
8.5
× 20.5 (22.0) × 17.5
1.5
40154
41154
1000
850
700
67154
68154
550
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
pitch
= 7.5 mm (bent back)
0.18
7.5
× 19.5 × 26.0
3.5
40184
41184
1000
650
550
0.22
8.0
× 21.0 × 26.0
3.8
40224
41224
750
500
500
0.27
9.0
× 22.0 × 26.0
4.5
40274
41274
750
500
450
0.33
10.0
× 23.0 × 26.0
5.2
40334
41334
700
450
400
0.39
11.5
× 24.0 × 26.0
5.9
40394
41394
600
400
350
0.47
12.5
× 25.5 × 26.0
6.9
40474
41474
500
300
350
0.56
13.5
× 26.6 × 26.0
7.5
40564
41564
450
300
300
0.68
15.0
× 28.0 × 26.0
8.6
40684
41684
400
250
250
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm; A = 2.5 + 1.4/− 0.5 mm
pitch
= 7.5 mm (bent back)
0.82
15.0
× 28.0 × 30.0
8.8
40824
41824
300
200
C
(µF)
DIMENSIONS
Wmax
× H(H’)max × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 468 ..... AND PACKAGING
LOOSE IN BOX
lt
= 3.5 ± 0.5 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.015
6.0
× 15.0 × 17.5
0.6
60153
2000
0.018
6.5
× 15.5 × 17.5
0.7
60183
1500
0.022
7.2
× 16.2 × 17.5
0.9
60223
1500
0.027
8.0
× 17.0 × 17.5
1.0
60273
1500
0.033
8.8
× 17.8 × 17.5
1.4
60333
1000
0.039
9.6
× 18.6 × 17.5
1.5
60393
1000
0.047
10.6
× 19.6 × 17.5
1.8
60473
900
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.056
7.0
× 20.0 × 26.0
3.2
60563
900
0.068
8.0
× 21.0 × 26.0
3.8
60683
750
0.082
8.5
× 21.5 × 26.0
4.1
60823
750
0.1
9.5
× 22.5 × 26.0
4.8
60104
700
0.12
10.5
× 23.5 × 26.0
5.5
60124
500
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.15
10.5
× 23.5 × 30.0
5.8
60154
500
0.18
11.5
× 24.5 × 30.0
6.5
60184
450
0.22
13.0
× 26.0 × 30.0
7.5
60224
350


Similar Part No. - MKT468

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MKT468 ETC2-MKT468 Datasheet
1Mb / 39P
   Metallized polyester film capacitors
Vishay Siliconix
Vishay Siliconix
MKT468 VISHAY-MKT468 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
More results

Similar Description - MKT468

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT369 VISHAY-MKT369 Datasheet
47Kb / 4P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz