Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-040M002A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-040M002A
Description  40 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-040M002A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-040M002A Datasheet HTML 1Page - Vishay Siliconix LCD-040M002A Datasheet HTML 2Page - Vishay Siliconix LCD-040M002A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37228
Revision 01-Oct-02
www.vishay.com
64
LCD-040M002A
Vishay
For Technical Questions, Contact: Displays@Vishay.com
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
GND
2
Vdd
+ 3V or + 5V
3
Vo
Contrast Adjustment
4
RS
H/L Register Select Signal
5
R/W
H/L Read/Write Signal
6E
H
→L Enable Signal
7
DB0
H/L Data Bus Line
8
DB1
H/L Data Bus Line
9
DB2
H/L Data Bus Line
10
DB3
H/L Data Bus Line
11
DB4
H/L Data Bus Line
12
DB5
H/L Data Bus Line
13
DB6
H/L Data Bus Line
14
DB7
H/L Data Bus Line
15
A/Vee
4.2V for LED/Negative Voltage Output
16
K
Power Supply for B/L (0V)
40 x 2 Character LCD
DIMENSIONS in millimeters
182.0
± 0.5
161.4
154.4 (VA)
147.5 (AA)
12.8
16.3
19.75
175.0
93.5
3.5
6 - Ø 1.0
4 - Ø 3.5 PTH
4 - Ø 5.5 PTH
1.5
A
K
16
15
1
2
13.6 MAX
9.3 MAX
9.0
4.7
1.6
1.6
LED B/L
EL OR NO B/L
3.2
0.5
0.65
0.6
DOT SIZE
PIN DETAIL
SCALE 1/1
2.54
2.5
16 - Ø 1.0 PTH
16 - Ø 1.8 PAD


Similar Part No. - LCD-040M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-040M004A VISHAY-LCD-040M004A Datasheet
115Kb / 3P
   40 x 4 Character LCD
Revision 01-Oct-02
More results

Similar Description - LCD-040M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-040N002A VISHAY-LCD-040N002A Datasheet
78Kb / 3P
   40 x 2 Character LCD
Revision: 09-Oct-12
LCD-040N002A VISHAY-LCD-040N002A_V01 Datasheet
75Kb / 3P
   40 x 2 Character LCD
01-Jan-2022
LCD-040N002A VISHAY-LCD-040N002A_V02 Datasheet
75Kb / 3P
   40 x 2 Character LCD
01-Jan-2023
logo
List of Unclassifed Man...
LCC-40K2 ETC2-LCC-40K2 Datasheet
106Kb / 1P
   LCD Character Module 40 x 2
WH4002 ETC-WH4002 Datasheet
303Kb / 1P
   LCD MODULE CHARACTER 40 X 2
logo
Vishay Siliconix
LCD-040N004A VISHAY-LCD-040N004A Datasheet
77Kb / 3P
   40 x 4 Character LCD
Revision: 09-Oct-12
LCD-040N004A VISHAY-LCD-040N004A_V02 Datasheet
74Kb / 3P
   40 x 4 Character LCD
01-Jan-2023
LCD-040M004A VISHAY-LCD-040M004A Datasheet
115Kb / 3P
   40 x 4 Character LCD
Revision 01-Oct-02
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com