Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT372 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKT372
Description  Metallized Polyester Film Capacitors MKT Radial Potted Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT372 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT372 Datasheet HTML 1Page - Vishay Siliconix MKT372 Datasheet HTML 2Page - Vishay Siliconix MKT372 Datasheet HTML 3Page - Vishay Siliconix MKT372 Datasheet HTML 4Page - Vishay Siliconix MKT372 Datasheet HTML 5Page - Vishay Siliconix MKT372 Datasheet HTML 6Page - Vishay Siliconix MKT372 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28110
118
Revision: 21-Nov-05
MKT 372
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
URdc = 400 V; URac = 220 V
URdc = 630 V; URac = 250 V
C
(µF)
DIMENSIONS
W
× H × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 372 ..... AND PACKAGING
LOOSE IN BOX
REEL
AMMOPACK
lt
= 4.0 + 1.0/− 0.5 mm
C-tol
=± 10 %
last 5 digits of catalog number
SPQ
SPQ
SPQ
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.0047
4.0
× 10.0 × 12.5
0.7
51472
1000
1400
750
0.0056
51562
0.0068
51682
0.0082
51822
0.01
51103
0.012
51123
0.015
51153
0.018
51183
0.022
51223
0.027
51273
0.033
51333
0.039
5.0
× 11.0 × 12.5
0.9
51393
1000
1100
600
0.047
51473
0.056
51563
0.068
6.0
× 12.0 × 12.5
1.0
51683
750
900
500
0.082
51823
C
(µF)
DIMENSIONS
W
× H × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 372 ..... AND PACKAGING
LOOSE IN BOX
REEL
AMMOPACK
lt
= 4.0 + 1.0/− 0.5 mm
C-tol
=± 10 %
last 5 digits of catalog number
SPQ
SPQ
SPQ
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.01
4.0
× 10.0 × 12.5
0.6
61103
1000
1400
750
0.012
61123
0.015
61153
0.018
61183
0.022
61223
0.027
5.0
× 11.0 × 12.5
0.9
61273
1000
1100
600
0.033
61333
0.039
6.0
× 12.0 × 12.5
1.0
61393
750
900
500
0.047
61473


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn