Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT372 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. MKT372
Description  Metallized Polyester Film Capacitors MKT Radial Potted Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT372 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT372 Datasheet HTML 1Page - Vishay Siliconix MKT372 Datasheet HTML 2Page - Vishay Siliconix MKT372 Datasheet HTML 3Page - Vishay Siliconix MKT372 Datasheet HTML 4Page - Vishay Siliconix MKT372 Datasheet HTML 5Page - Vishay Siliconix MKT372 Datasheet HTML 6Page - Vishay Siliconix MKT372 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28110
116
Revision: 21-Nov-05
MKT 372
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.1 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 250 × 10−4
0.1
μF < C ≤ 0.68 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 300 × 10−4
Rated voltage pulse slope (dU/dt)R
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
34 V/µs
50 V/µs
80 V/µs
120 V/µs
R between leads, for C
≤ 0.33 µF:
at 100 V; 1 minute
> 15000 MΩ> 30000 MΩ> 30000 MΩ
at 500 V; 1 minute
> 30000 MΩ
RC between leads, for C
> 0.33 µF at 100 V; 1 minute
> 5000 s
R between interconnected leads and case (foil method)
> 30000 MΩ> 30000 MΩ> 30000 MΩ> 30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
1008 V; 1 minute
Withstanding (DC) voltage between leads and case
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute
1260 V; 1 minute
TYPE AND PITCHES
372
10.0 mm
2222
372
XX XX X
BFC2* 372
XX XX X
MULTIPLIER
(nF)
0.1
2
1
3
10
4
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
100 V
250 V
400 V
630 V
372
loose in box
lead length 4.0
+ 1.0/− 0.5 mm
±10 %
21
41
51
61
ON REQUEST
372
loose in box
lead length 4.0
+ 1.0/− 0.5 mm
± 5 %
22425262
taped on reel
H
= 18.5 mm; P
0 = 12.7 mm;
reel diameter 356 mm
±10 %
25455565
± 5 %
26465666
ammopack
H
= 18.5 mm; P
0 = 12.7 mm
±10 %
28485868
± 5 %
29495969
* Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn