Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT372 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT372
Description  Metallized Polyester Film Capacitors MKT Radial Potted Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT372 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKT372 Datasheet HTML 1Page - Vishay Siliconix MKT372 Datasheet HTML 2Page - Vishay Siliconix MKT372 Datasheet HTML 3Page - Vishay Siliconix MKT372 Datasheet HTML 4Page - Vishay Siliconix MKT372 Datasheet HTML 5Page - Vishay Siliconix MKT372 Datasheet HTML 6Page - Vishay Siliconix MKT372 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28110
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
119
MKT 372
Metallized Polyester Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
100
nF
220
nF
470
nF
Tamb
≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
100
nF
220
nF
470
nF
85
°C < Tamb ≤ 105 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
100
nF
220
nF
47
nF
Tamb
≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
100
nF
220
nF
47
nF
85
°C < Tamb ≤ 105 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
10
nF
22
nF
4.7
nF
Tamb
≤ 85 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
82
nF
10
nF
22
nF
4.7
nF
85
°C < Tamb ≤ 105 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
82
nF


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn