Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202D168X0075A5 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 202D168X0075A5
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D168X0075A5 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 202D168X0075A5 Datasheet HTML 3Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 4Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 5Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 6Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 7Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 8Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 9Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 10Page - Vishay Siliconix 202D168X0075A5 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40027
110
Revision: 14-Oct-05
200D, 202D
Vishay
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
TYPE 200D
PART NUMBER (1)
TYPE 202D
MAX. ESR
at + 25 °C
(
Ω)
MAX. IMP.
at - 55 °C
(
Ω)
MAX. RMS
RIPPLE
120 Hz (A)
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C
6600.0
A1
200D668X0006A1
202D668X0006A1
0.28
2.3
1.13
8200.0
A2
200D828X0006A2
202D828X0006A2
0.22
1.8
1.41
9900.0
A3
200D998X0006A3
202D998X0006A3
0.18
1.5
1.67
12 000.0
B1
-
202D129X0006B1
0.11
0.90
2.54
13 000.0
A4
200D139X0006A4
202D139X0006A4
0.14
1.1
2.05
15 000.0
A5
-
202D159X0006A5
0.12
1.8
2.35
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C
5400.0
A1
200D548X0008A1
202D548X0008A1
0.28
2.8
1.13
6800.0
A2
200D688X0008A2
202D688X0008A2
0.22
2.2
1.41
8200.0
A3
200D828X0008A3
202D828X0008A3
0.18
1.8
1.67
9600.0
B1
-
202D968X0008B1
0.12
1.8
2.54
11000.0
A4
200D119X0008A4
202D119X0008A4
0.14
1.4
2.05
12 000.0
B2
-
202D129X0008B2
0.086
1.3
2.99
14 000.0
A5
200D149X0008A5
202D149X0008A5
0.11
1.1
2.35
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C
4500.0
A1
200D458X0010A1
202D458X0010A1
0.28
3.4
1.13
5600.0
A2
200D568X0010A2
202D568X0010A2
0.22
2.7
1.41
6800.0
A3
200D688X0010A3
202D688X0010A3
0.18
2.2
1.67
9000.0
A4
200D908X0010A4
202D908X0010A4
0.14
1.7
2.05
9600.0
B1
-
202D968X0010B1
0.12
1.8
2.54
11 000.0
A5
200D119X0010A5
202D119X0010A5
0.11
1.4
2.35
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
3100.0
A1
200D318X0015A1
202D318X0015A1
0.28
3.9
1.13
3900.0
A2
200D398X0015A2
202D398X0015A2
0.22
3.1
1.41
4700.0
A3
200D478X0015A3
202D478X0015A3
0.18
2.6
1.67
6200.0
A4
200D628X0015A4
202D628X0015A4
0.14
1.9
2.05
6560.0
B1
-
202D668X0015B1
0.16
2.2
2.03
7800.0
A5
200D788X0015A5
202D788X0015A5
0.11
1.6
2.54
20 WVDC at + 85 °C . . . 13 WVDC at + 125 °C
2600.0
A1
200D268X0020A1
202D268X0020A1
0.28
3.9
1.13
3300.0
A2
200D338X0020A2
202D338X0020A2
0.22
3.1
1.41
4000.0
A3
200D408X0020A3
202D408X0020A3
0.18
2.6
1.67
5300.0
A4
200D538X0020A4
202D538X0020A4
0.14
1.9
2.05
6600.0
A5
200D668X0020A5
202D668X0020A5
0.11
1.6
2.54
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C
2200.0
A1
200D228X0025A1
202D228X0025A1
0.28
4.1
1.13
2700.0
A2
200D278X0025A2
202D278X0025A2
0.22
3.3
1.41
3200.0
A3
200D328X0025A3
202D328X0025A3
0.18
2.8
1.67
4300.0
A4
200D438X0025A4
202D438X0025A4
0.14
2.1
2.05
5400.0
A5
200D548X0025A5
202D548X0025A5
0.11
1.7
2.54
Note
(1) The Part Numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”. For
requirements or ratings other than those listed, please contact a Vishay representative.


Similar Part No. - 202D168X0075A5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D168X0075A5 VISHAY-202D168X0075A5 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D168X0075A5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com