Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-016M002A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-016M002A
Description  16 x 2 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016M002A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-016M002A Datasheet HTML 1Page - Vishay Siliconix LCD-016M002A Datasheet HTML 2Page - Vishay Siliconix LCD-016M002A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
29
LCD-016M002A
Vishay
Document Number: 37216
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
16 x 2 Character LCD
FEATURES
• 5 x 8 dots with cursor
• Built-in controller (KS 0066 or Equivalent)
• + 5V power supply (Also available for + 3V)
• 1/16 duty cycle
• B/L to be driven by pin 1, pin 2 or pin 15, pin 16 or A.K
(LED)
• N.V. optional for + 3V power supply
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
84.0 x 44.0
mm
Viewing Area
66.0 x 16.0
mm
Dot Size
0.55 x 0.65
mm
Character Size
2.95 x 5.55
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
- 0.3
7.0
V
for Logic
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5V
4.7
5.0
5.3
V
VDD = + 3V
+ 2.7
3.0
5.3
V
Supply Current
IDD
VDD = + 5V
1.2
3.0
mA
- 20
°C–
Recommended LC Driving
VDD - V0
0
°C
4.2
4.6
5.0
Voltage for Normal Temp.
25
°C
3.8
4.2
4.6
V
Version Module
50
°C
3.6
4.0
4.4
Nor Temp/Wide Temp
70
°C–
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C
Array
130
260
mA
Edge
20
40
EL Power Supply Current
IEL
Vel = 110VAC:400Hz
5.0
mA
Display Position
DD RAM Address
DD RAM Address
DISPLAY CHARACTER ADDRESS CODE:
00
01
0F
40
41
4F
12
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Similar Part No. - LCD-016M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016M002A VISHAY-LCD-016M002A Datasheet
114Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results

Similar Description - LCD-016M002A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
LCD-016N002M VISHAY-LCD-016N002M Datasheet
84Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002S VISHAY-LCD-016N002S Datasheet
68Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002T VISHAY-LCD-016N002T Datasheet
70Kb / 3P
   16 x 2 Character LCD
Revision: 05-Oct-12
LCD-016N002O VISHAY-LCD-016N002O_V01 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2022
LCD-016N002L1 VISHAY-LCD-016N002L1_V02 Datasheet
66Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016N002C VISHAY-LCD-016N002C_V02 Datasheet
75Kb / 3P
   16 x 2 Character LCD
01-Jan-2023
LCD-016M002C VISHAY-LCD-016M002C Datasheet
116Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
LCD-016M002M VISHAY-LCD-016M002M Datasheet
117Kb / 3P
   16 x 2 Character LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com