Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT370 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKT370
Description  DC Film Capacitor MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT370 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT370 Datasheet HTML 1Page - Vishay Siliconix MKT370 Datasheet HTML 2Page - Vishay Siliconix MKT370 Datasheet HTML 3Page - Vishay Siliconix MKT370 Datasheet HTML 4Page - Vishay Siliconix MKT370 Datasheet HTML 5Page - Vishay Siliconix MKT370 Datasheet HTML 6Page - Vishay Siliconix MKT370 Datasheet HTML 7Page - Vishay Siliconix MKT370 Datasheet HTML 8Page - Vishay Siliconix MKT370 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MKT 370
Vishay BCcomponents
DC Film Capacitor
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28108
80
Revision: 17-Nov-08
URdc = 100 V; URac = 63 V (standard size)
Note
(1) Weight for short lead products only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOGUE NUMBER BFC2 370 ... AND PACKAGING
AMMOPACK
LOOSE IN BOX
REEL
C-VALUE
H = 18.5 mm;
P0 = 12.7 mm
Short leads
Long leads
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.08 ± 0.30 mm; dt = 0.50 ± 0.05 mm
0.001
2.5 x 6.5 x 7.2
0.18
85...
(2000)
86...
(2000)
21...
(2000)
22...
(2000)
25...
(1000)
26...
(1000)
28...
(2000)
29...
(2000)
102
0.0012
122
0.0015
152
0.0018
182
0.0022
222
0.0027
272
0.0033
332
0.0039
392
0.0047
472
0.0056
562
0.0068
682
0.0082
822
0.010
103
0.012
123
0.015
153
0.018
183
0.022
223
0.027
273
0.033
333
0.039
393
0.047
473
0.056
563
0.068
683
0.082
823
0.10
104
0.12
3.5 x 8.0 x 7.2
0.30
85...
(1500)
86...
(1500)
21...
(2000)
22...
(2000)
25...
(1000)
26...
(1000)
28...
(1500)
29...
(1500)
124
0.15
154
0.18
184
0.22
4.5 x 9.0 x 7.2
0.42
85...
(1000)
86...
(1000)
21...
(2000)
22...
(2000)
25...
(1000)
26...
(1000)
28...
(1000)
29...
(1000)
224
0.27
274
0.33
334
0.39
6.0 x 11.0 x 7.2
0.64
85...
(750)
86...
(750)
21...
(2000)
22...
(2000)
25...
(1000)
26...
(1000)
28...
(1000)
29...
(1000)
394
0.47
474


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn