Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT367 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. MKT367
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT367 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKT367_08 Datasheet HTML 1Page - Vishay Siliconix MKT367_08 Datasheet HTML 2Page - Vishay Siliconix MKT367_08 Datasheet HTML 3Page - Vishay Siliconix MKT367_08 Datasheet HTML 4Page - Vishay Siliconix MKT367_08 Datasheet HTML 5Page - Vishay Siliconix MKT367_08 Datasheet HTML 6Page - Vishay Siliconix MKT367_08 Datasheet HTML 7Page - Vishay Siliconix MKT367_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28104
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 18-Nov-05
79
MKT 367
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 100 V; URac = 63 V
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 367 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
22.0
± 4.0 mm
H
= 18.5 mm
C-tol
=± 10 %
C-tol
=± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 5.0 + 0.4/− 0.2 mm; d
t = 0.50 ± 0.05 mm
0.01
4.0
× 9.5 × 7.3
0.3
85103
86103
1000
1000
83103
87103
1500
0.012
85123
86123
83123
87123
0.015
85153
86153
83153
87153
0.018
85183
86183
83183
87183
0.022
85223
86223
83223
87223
0.027
85273
86273
83273
87273
0.033
85333
86333
83333
87333
0.039
85393
86393
83393
87393
0.047
4.5
× 10.0 × 7.3
0.3
85473
86473
1000
1000
83473
87473
1500
0.056
85563
86563
83563
87563
0.068
85683
86683
83683
87683
0.082
4.5
× 10.0 × 7.3
0.3
85823
86823
1000
1000
83823
87823
1500
0.1
4.5
× 10.0 × 7.3
0.4
85104
86104
1000
1000
83104
87104
1500
0.12
85124
86124
83124
87124
0.15
85154
86154
83154
87154
0.18
85184
86184
83184
87184
0.22
4.5
× 10.0 × 7.3
0.4
85224
86224
1000
1000
83224
87224
1000
0.27
4.5
× 10.0 × 7.3
0.4
85274
86274
1000
1000
83274
87274
1000
Pitch
= 7.5 + 0.4/− 0.2 mm; d
t = 0.60 ± 0.06 mm
0.039
4.0
× 9.5 × 10.0
0.4
25393
26393
1000
1000
23393
27393
1500
0.047
25473
26473
23473
27473
0.056
25563
26563
23563
27563
0.068
25683
26683
23683
27683
0.082
25823
26823
23823
27823
0.1
4.0
× 9.5 × 10.0
0.4
25104
26104
1000
1000
23104
27104
1500
0.12
4.5
× 10.0 × 10.5
0.5
25124
26124
1000
1000
23124
27124
1000
0.15
5.0
× 10.5 × 10.5
0.5
25154
26154
1000
1000
23154
27154
1000
0.18
0.6
25184
26184
23184
27184
0.22
5.5
× 11.5 × 10.5
0.7
25224
26224
1000
1000
23224
27224
1000
0.27
6.0
× 12.5 × 10.5
0.7
25274
26274
1000
1000
23274
27274
1000
0.33
25334
26334
23334
27334
0.39
25394
26394
23394
27394
0.47
25474
26474
23474
27474


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn