Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT367 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. MKT367
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT367 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT367_08 Datasheet HTML 1Page - Vishay Siliconix MKT367_08 Datasheet HTML 2Page - Vishay Siliconix MKT367_08 Datasheet HTML 3Page - Vishay Siliconix MKT367_08 Datasheet HTML 4Page - Vishay Siliconix MKT367_08 Datasheet HTML 5Page - Vishay Siliconix MKT367_08 Datasheet HTML 6Page - Vishay Siliconix MKT367_08 Datasheet HTML 7Page - Vishay Siliconix MKT367_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28104
76
Revision: 18-Nov-05
MKT 367
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
APPLICATIONS
Blocking and coupling. Bypass and energy reservoir
MARKING
C-value; tolerance; rated voltage
DIELECTRIC
Polyester film
ELECTRODES
Vacuum deposited aluminum
COATING
Flame retardant epoxy material (UL-class 94 V-0)
CONSTRUCTION
Wound mono construction
LEADS
Tinned wire
CAPACITANCE RANGE (E12 SERIES)
0.0033 to 1.0 µF
FEATURES
Available taped and loose in box
Lead (Pb)-free product
RoHS-compliant product
CAPACITANCE TOLERANCE
± 10 %; ± 5 %
RATED (DC) VOLTAGE
63 V; 100 V; 250 V; 400 V
RATED (AC) VOLTAGE
40 V; 63 V; 160 V; 220 V
CLIMATIC CATEGORY
55/105/56
RATED TEMPERATURE
85
°C
MAXIMUM APPLICATION TEMPERATURE
105
°C
REFERENCE SPECIFICATIONS
IEC 60384-2
PERFORMANCE GRADE
Grade 1 (long life)
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
filmcaps.roeselare@vishay.com
168x12(halfpage)
168x12(halfpage)
seating
plane (1)
∅1.3
∅ dt
≤ 1.5
w
l
h
lt
P+0.4
-0.2
Dimensions in mm
(1) Hole
∅1.0 for d
t = 0.5 mm
e3
RoHS
COMPLIANT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn