Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT366 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT366
Description  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKT366_08 Datasheet HTML 1Page - Vishay Siliconix MKT366_08 Datasheet HTML 2Page - Vishay Siliconix MKT366_08 Datasheet HTML 3Page - Vishay Siliconix MKT366_08 Datasheet HTML 4Page - Vishay Siliconix MKT366_08 Datasheet HTML 5Page - Vishay Siliconix MKT366_08 Datasheet HTML 6Page - Vishay Siliconix MKT366_08 Datasheet HTML 7Page - Vishay Siliconix MKT366_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28103
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 18-Nov-05
73
MKT 366
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 250 V; URac = 160 V
URdc = 400 V; URac = 220 V
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 366 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
17.0
± 4.0 mm
H
= 16.0 mm
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 7.5+0.4/−0.2 mm; d
t = 0.60 ±0.06 mm
0.018
4.0
× 13.0 × 10.0
0.4
45183
46183
1000
1000
43183
47183
1500
0.022
45223
46223
43223
47223
0.027
45273
46273
43273
47273
0.033
45333
46333
43333
47333
0.039
45393
46393
43393
47393
0.047
45473
46473
43473
47473
0.056
4.0
× 14.0 × 10.0
0.7
45563
46563
1000
1000
43563
47563
1500
0.068
4.5
× 14.0 × 10.0
0.7
45683
46683
1000
1000
43683
47683
1250
0.082
4.5
× 13.0 × 10.0
0.5
45823
46823
1000
1000
43823
47823
1250
0.1
5.0
× 13.5 × 10.0
0.6
45104
46104
1000
1000
43104
47104
1000
0.12
5.5
× 14.0 × 10.0
0.6
45124
46124
1000
1000
43124
47124
1000
0.15
5.5
× 15.5 × 10.0
0.7
45154
46154
1000
1000
43154
47154
1000
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 366 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
17.0
± 4.0 mm
H
= 16.0 mm
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 7.5+0.4/−0.2 mm; d
t = 0.60 ±0.06 mm
0.0033
4.0
× 12.0 × 10.0
0.4
55332
56332
1000
1000
53332
57332
1500
0.0039
55392
56392
53392
57392
0.0047
55472
56472
53472
57472
0.0056
4.0
× 13.0 × 10.0
0.4
55562
56562
1000
1000
53562
57562
1500
0.0068
55682
56682
53682
57682
0.0082
55822
56822
53822
57822
0.01
55103
56103
53103
57103
0.012
55123
56123
53123
57123
0.015
55153
56153
53153
57153
0.018
4.5
× 13.5 × 10.0
0.6
55183
56183
1000
1000
53183
57183
1250
0.022
5.0
× 14.0 × 10.0
0.7
55223
56223
1000
1000
53223
57223
1000
0.027
4.0
× 12.5 × 10.0
0.4
55273
56273
1000
1000
53273
57273
1500
0.033
4.5
× 13.0 × 10.0
0.5
55333
56333
1000
1000
53333
57333
1250
0.039
5.0
× 13.5 × 10.0
0.5
55393
56393
1000
1000
53393
57393
1000
0.047
5.0
× 13.5 × 10.0
0.6
55473
56473
1000
1000
53473
57473
1000
0.056
5.5
× 14.0 × 10.0
0.7
55563
56563
1000
1000
53563
57563
1000


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn