Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT366 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT366
Description  DC Film Capacitors MKT Radial Lacquered Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT366 Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT366 Datasheet HTML 1Page - Vishay Siliconix MKT366 Datasheet HTML 2Page - Vishay Siliconix MKT366 Datasheet HTML 3Page - Vishay Siliconix MKT366 Datasheet HTML 4Page - Vishay Siliconix MKT366 Datasheet HTML 5Page - Vishay Siliconix MKT366 Datasheet HTML 6Page - Vishay Siliconix MKT366 Datasheet HTML 7Page - Vishay Siliconix MKT366 Datasheet HTML 8Page - Vishay Siliconix MKT366 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MKT 365, MKT 366, MKT 367
Vishay BCcomponents
DC Film Capacitors
MKT Radial Lacquered Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28102
1
Revision: 23-Oct-08
Notes
(1) Hole Ø 1.0 for dt = 0.5 mm
(2) 0
≤ α < 50°
(3) A = 1.7 ± 0.3 mm
FEATURES
Available taped and loose in box
RoHs compliant
APPLICATIONS
Blocking
and
coupling,
bypass
and
energy
reservoir.
REFERENCE STANDARDS
IEC 60384-2
MARKING
C-value; rated voltage; tolerance
DIELECTRIC
Polyester film
ELECTRODES
Metallized
CONSTRUCTION
Mono construction
RATED (DC) VOLTAGE
63 V, 100 V, 250 V, 400 V
RATED (AC) VOLTAGE
40 V, 63 V, 160 V, 220 V
COATING ENCAPSULATION
Flame retardant epoxy material (UL-class 94 V-0)
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/105/56
RATED TEMPERATURE
85 °C
CAPACITANCE RANGE (E12 SERIES)
365: 0.01 µF to 1.0 µF
366: 0.0033 µF to 1.0 µF
367: 0.0033 µF to 1.0 µF
CAPACITANCE TOLERANCE
± 10 %, ± 5 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
105 °C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
dc-film@vishay.com
Seating
plane (1)
h
l
t
Ø d
t
A (3)
P
+ 0.4
- 0.2
α
(2)
l
w
365, 366 Kinked Leads
Seating
plane (1)
h
l
t
Ø d
t
A (3)
P
+ 0.4
- 0.2
α
(2)
l
w
365 Bent Back Leads
Seating
plane (1)
h
l
t
Ø d
t
P
+ 0.4
- 0.2
l
w
367 Straight Leads
Ø 1.3
≤ 1.5


Similar Part No. - MKT366

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
logo
List of Unclassifed Man...
MKT366 ETC2-MKT366 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
Vishay Siliconix
MKT366 VISHAY-MKT366 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
More results

Similar Description - MKT366

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com