Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT365 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MKT365
Description  DC Film Capacitors MKT Radial Lacquered Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT365 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKT365_08 Datasheet HTML 2Page - Vishay Siliconix MKT365_08 Datasheet HTML 3Page - Vishay Siliconix MKT365_08 Datasheet HTML 4Page - Vishay Siliconix MKT365_08 Datasheet HTML 5Page - Vishay Siliconix MKT365_08 Datasheet HTML 6Page - Vishay Siliconix MKT365_08 Datasheet HTML 7Page - Vishay Siliconix MKT365_08 Datasheet HTML 8Page - Vishay Siliconix MKT365_08 Datasheet HTML 9Page - Vishay Siliconix MKT365_08 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Document Number: 28102
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 23-Oct-08
6
MKT 365, MKT 366, MKT 367
DC Film Capacitors
MKT Radial Lacquered Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER: 366
Notes
(1) For detailed tape specifications refer to packaging information: www.vishay.com/docs/28139/packinfo.pdf or end of catalogue
(2) SPQ = Standard Packing Quantity
SPECIFIC REFERENCE DATA: 366
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
≤ 225 x 10-4
C > 0.47 µF
≤ 75 x 10-4
≤ 130 x 10-4
-
Rated voltage pulse slope (dU/dt)R at
63 Vdc
100 Vdc
250 Vdc
400 Vdc
110 V/µs
110 V/µs
130 V/µs
170 V/µs
R between leads, for C
≤ 0.33 µF
at 10 V; 1 min
> 15 000 M
Ω
at 100 V; 1 min
> 15 000 M
Ω
> 30 000 M
Ω
> 30 000 M
Ω
RC between leads, for C > 0.33 µF at 10 V; 1 min
> 5000 s
-
R between interconnecting leads and casing, 100 V; 1 min
> 30 000 M
Ω
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
100 V; 1 min
160 V; 1 min
400 V; 1 min
640 V; 1 min
Maximum application temperature
105 °C
BFC2
366
XX
YY
Y
2222 (*)
366
XX
YY
Y
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL.
63 V
100 V
250 V
400 V
366
Loose in box
Kinked; Lead length
4.0 + 1.0/- 0.5 mm
± 10 %
75
85
-
-
± 5 %
76
86
-
-
Kinked;
Lead length 17.0 ± 4.0 mm
± 10 %
71
81
-
-
± 5 %
72
82
-
-
Pitch = 7.5 mm
366
Loos in box
Kinked; Lead length
4.0 + 1.0/- 0.5 mm
± 10 %
15254555
± 5 %
16264656
Kinked;
Lead length 17.0 ± 4.0 mm
± 10 %
11214151
± 5 %
12224252
Ammopack (1)
Kinked;
H = 16.0 mm; P0 = 12.7 mm
± 10 %
13234353
± 5 %
17274757
CAPACITANCE
(numerically)
TYPE AND PITCHES
366
5.0/7.5 mm
Example:
104 = 10 x 10 = 100 nF
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
(*) Old ordering number


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn