Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKT365 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKT365
Description  DC Film Capacitors MKT Radial Lacquered Type
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT365 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKT365_08 Datasheet HTML 1Page - Vishay Siliconix MKT365_08 Datasheet HTML 2Page - Vishay Siliconix MKT365_08 Datasheet HTML 3Page - Vishay Siliconix MKT365_08 Datasheet HTML 4Page - Vishay Siliconix MKT365_08 Datasheet HTML 5Page - Vishay Siliconix MKT365_08 Datasheet HTML 6Page - Vishay Siliconix MKT365_08 Datasheet HTML 7Page - Vishay Siliconix MKT365_08 Datasheet HTML 8Page - Vishay Siliconix MKT365_08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MKT 365, MKT 366, MKT 367
Vishay BCcomponents
DC Film Capacitors
MKT Radial Lacquered Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28102
5
Revision: 23-Oct-08
URdc = 250 V; URac = 160 V (bent back leads)
Note
(1) Net weight for short lead products only
URdc = 400 V; URac = 220 V (bent back leads)
Note
(1) Net weight for short lead products only
C
(µF)
DIMENSIONS
wmax. xhmax. xlmax.
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 365..... AND PACKAGING
AMMOPACK
REEL
C-VALUE
H = 16.0 mm
H = 16.0 mm
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.0 + 0.4/- 0.2 mm; dt = 0.60 ± 0.06 mm
0.018
0.022
0.027
0.033
0.039
0.047
0.056
4.0 x 13.5 x 10.0
0.35
45...
(1500)
46...
(1500)
41...
(1500)
42...
(1500)
183
223
273
333
393
473
563
0.068
4.5 x 14.0 x 10.0
0.39
45...
(1250)
46...
(1250)
41...
(1000)
42...
(1000)
683
0.082
4.5 x 13.0 x 10.0
0.38
45...
(1250)
46...
(1250)
41...
(1250)
42...
(1250)
823
0.1
5.0 x 13.5 x 10.0
0.40
45...
(1000)
46...
(1000)
41...
(1250)
42...
(1250)
104
0.12
5.5 x 14.0 x 10.0
0.50
45...
(1000)
46...
(1000)
41...
(1000)
42...
(1000)
124
0.15
5.5 x 15.5 x 10.0
0.58
45...
(1000)
46...
(1000)
41...
(1000)
42...
(1000)
154
C
(µF)
DIMENSIONS
wmax. xhmax. xlmax.
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 365..... AND PACKAGING
AMMOPACK
REEL
C-VALUE
H = 16.0 mm
H = 16.0 mm
C-tol. =
± 10 %
C-tol. =
± 5 %
C-tol. =
± 10 %
C-tol. =
± 5 %
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
..YYY
Pitch = 5.0 + 0.4/- 0.2 mm; dt = 0.60 ± 0.06 mm
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
4.0 x 13.5 x 10.0
0.35
55...
(1500)
56...
(1500)
51...
(1500)
52...
(1500)
332
392
472
562
682
822
103
123
153
0.018
4.5 x 13.0 x 10.0
0.38
55...
(1250)
56...
(1250)
51...
(1250)
52...
(1250)
183
0.022
5.0 x 13.5 x 10.0
0.0
55...
(1000)
56...
(1000)
51...
(1250)
52...
(1250)
223
0.027
4.0 x 12.5 x 10.0
0.35
55...
(1500)
56...
(1500)
51...
(1500)
52...
(1500)
273
0.033
4.5 x 13.0 x 10.0
0.38
55...
(1200)
56...
(1250)
51...
(1250)
52...
(1250)
333
0.039
0.047
5.0 x 13.5 x 10.0
0.40
55...
(1000)
56...
(1000)
51...
(1250)
52...
(1250)
393
473
0.056
5.5 x 14.0 x 10.0
0.50
55...
(1000)
56...
(1000)
51...
(1000)
52...
(1000)
563


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn