Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202D109X0035B5 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 202D109X0035B5
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D109X0035B5 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 202D109X0035B5 Datasheet HTML 3Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 4Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 5Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 6Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 7Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 8Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 9Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 10Page - Vishay Siliconix 202D109X0035B5 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-Oct-05
113
200D, 202D
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
Vishay
MILITARY SPECIFICATION TANTAPAK® CAPACITOR ASSEMBLIES - CROSS REFERENCE
CAPACITANCE
(µF)
RATED
VOLTAGE
at + 85 °C
CASE
CODE
VISHAY
PART NUMBER
(DISCONTINUED)
CL55 TYPE (1)
DESIGNATION
(NEW)
DSCC DRAWING (1)
04021
960.0
15
A1
202D967X0015A1
CL55BE961MPG
04021-01
1200.0
15
A2
202D128X0015A2
CL55BE122MPG
04021-02
1400.0
15
A3
202D148X0015A3
CL55BE142MPG
04021-03
2100.0
15
A4
202D218X0015A4
CL55BE212MPG
04021-04
2400.0
15
A5
202D248X0015A5
CL55BE242MPG
04021-05
520.0
30
A1
202D527X0030A1
CL55BH521MPG
04021-06
660.0
30
A2
202D667X0030A2
CL55BH661MPG
04021-07
820.0
30
A3
202D827X0030A3
CL55BH821MPG
04021-08
1200.0
30
A4
202D128X0030A4
CL55BH122MPG
04021-09
1300.0
30
A5
202D138X0030A5
CL55BH132MPG
04021-10
400.0
50
A1
202D407X0050A1
CL55BJ401MPG
04021-11
430.0
50
A1
202D437X0050A1
CL55BJ431MPG
04021-12
500.0
50
A2
202D507X0050A2
CL55BJ501MPG
04021-13
600.0
50
A3
202D607X0050A3
CL55BJ601MPG
04021-14
800.0
50
A4
202D807X0050A4
CL55BJ801MPG
04021-15
1000.0
50
A5
202D108X0050A5
CL55BJ102MPG
04021-16
270.0
75
A1
202D277X0075A1
CL55BL271MPG
04021-17
330.0
75
A2
202D337X0075A2
CL55BL331MPG
04021-18
400.0
75
A3
202D407X0075A3
CL55BL401MPG
04021-19
600.0
75
A4
202D607X0075A4
CL55BL601MPG
04021-20
660.0
75
A5
202D667X0075A5
CL55BL661MPG
04021-21
170.0
100
A1
202D177X0100A1
CL55BN171MPG
04021-22
220.0
100
A2
202D227X0100A2
CL55BN221MPG
04021-23
260.0
100
A3
202D267X0100A3
CL55BN261MPG
04021-24
350.0
100
A4
202D357X0100A4
CL55BN351MPG
04021-25
440.0
100
A5
202D447X0100A5
CL55BN441MPG
04021-26
70.0
150
A1
202D706X0150A1
CL55BQ700MPG
04021-27
90.0
150
A2
202D906X0150A2
CL55BQ900MPG
04021-28
100.0
150
A3
202D107X0150A3
CL55BQ101MPG
04021-29
140.0
150
A4
202D147X0150A4
CL55BQ141MPG
04021-30
180.0
150
A5
202D187X0150A5
CL55BQ181MPG
04021-31
Note
(1) Vishay is no longer qualified to provide military CL55 type which has been discontinued.
It has been replaced by an equivalent product built to DSCC Drawing 04021


Similar Part No. - 202D109X0035B5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D109X0035B5 VISHAY-202D109X0035B5 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D109X0035B5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com