Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3123T33E Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3123T33E
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3123T33E Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3123T33E Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T33E Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
2/11
FSP3123
ABSOLUTE MAXIMUM RATINGS
Symbol
Paramrter
Rating
Unit
VCC
Supply Voltage
+24
V
VSD
ON/OFF Pin input Voltage
-0.3 to +18
V
VFB
Feedback Pin Voltage
-0.3 to +18
V
VOUT
Output Voltage to Ground
-1
V
PD
Power Dissipation
Internally Limited
W
TST
Storage Temperature
-65 to +150
TOP
Operating Temperature
-40 to +125
VOP
Operating Voltage
+4.5 to +22
V
ELECTRICAL CHARACTERISTICS (ALL OUTPUT VOLTAGE VERSIONS)
Unless otherwise specified, VIN=12V for 3.3V,5V, adjustable version and VIN=18V for the 12V version. ILOAD=0.5A
Symbol
Paramrter
Conditions
Min.
Typ.
Max.
Unit
-50
IB
Feedback bias current
VFB=1.3V(Adjustable
version only)
-10
-100
nA
127
150
173
FOSC
Oscillator frequency
110
173
KHz
FCSP
Short Circuit Oscillator
Frequency
When Current Limit
Occur and
VFB < 0.5V, TA=25°C
10
30
50
kHz
1.4
VSAT
Saturation voltage
IOUT=3A
no outside circuit
VFB=0V force driver on
1.5
V
Max.Duty Cycle(ON)
VFB=0V force driver on
100
DC
Min.Duty Cycle(OFF)
VFB=12V force driver off
0
%
3.6
6.9
ICL
Current limit
Peak current
no outside circuit
VFB=0V force driver on
3.4
7.5
A
Output=0
no outside circuit
VFB=12V force driver off
-50
µA
IL
Output=-1
Output
leakage
current
VIN=22V
-30
mA
IQ
Quiescent Current
VFB=12V force driver off
5
10
mA
200
ISTBY
Standby Quiesient
Current
ON/OFF Pin=5V
VIN=22V
70
250
µA
VIL
Low(regultaor ON)
0.6
VIH
ON/OFF pin logic input
threshold voltage
High(regultaor OFF)
2.0
1.3
V
IH
ON/OFF pin logic input
current
VLOGIC=2.5V(OFF)
-15
IL
ON/OFF pin input
current
VLOGIC=0.5V(ON)
-5
µA
TO220-5L
2.5
TO263-5L
3.5
θJC
Thermal Resistence
PDIP8L
Junction
to case
12
/W
TO220-5L
28
TO263-5L
23
θJA
Thermal Resistence
with Copper Area of
Approximately 3 in
2
PDIP8L
Junction
to ambient
35
/W
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25
ºC.


Similar Part No. - FSP3123T33E

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33AE FOSLINK-FSP3122D33AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33E FOSLINK-FSP3122D33E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3123T33E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com