Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3123NAE Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3123NAE
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3123NAE Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3123NAE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123NAE Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
9/11
FSP3123
PACKAGE INFORMATION
1) TO220-5L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.45
4.82
0.160
0.175
0.190
b
0.76
0.89
1.02
0.030
0.035
0.040
C
0.36
0.50
0.64
0.014
0.020
0.025
D
14.22
14.86
15.50
0.560
0.585
0.610
E
9.78
10.16
10.54
0.385
0.400
0.415
e
1.57
1.71
1.85
0.062
0.067
0.073
e1
6.68
6.81
6.93
0.263
0.268
0.273
F
1.14
1.27
1.40
0.045
0.050
0.055
H1
5.46
6.16
6.86
0.215
0.243
0.270
J1
2.29
2.74
3.18
0.090
0.108
0.125
L
13.21
13.97
14.73
0.520
0.550
0.580
P
3.68
3.81
3.94
0.145
0.150
0.155
Q
2.54
2.73
2.92
0.100
0.107
0.115
A
F
C
J1
e1
E
e
b
P


Similar Part No. - FSP3123NAE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33AE FOSLINK-FSP3122D33AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33E FOSLINK-FSP3122D33E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3123NAE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com