Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3123K50AE Datasheet(PDF) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3123K50AE
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3123K50AE Datasheet(HTML) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3123K50AE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123K50AE Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
8/11
FSP3123
ORDERING INFORMATION
MARKING INFORMATION
1) TO220-5L
2) TO263-5L
(3) PDIP8L
3123-VV
YYWWXX
Logo
Part Number:
3123-ADJ: ADJ
3123-33: 3.3V
3123-50: 5.0V
3123-12: 12V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
FSP3123XXXX
Package:
T: TO220-5L
K: TO263-5L
N: PDIP8L
Output Voltage:
Blank: ADJ
33: 3.3V
50: 5.0V
12: 12V
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
E: -40~125℃
3123-VV
YYWWXX
Logo
Part Number:
3123-ADJ: ADJ
3123-33: 3.3V
3123-50: 5.0V
3123-12: 12V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
Part number:
3123-ADJ: ADJ
3123-33: 3.3V
3123-50: 5.0V
3123-12: 12V
Internal code
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)
Logo
3123-VV
YYWWXX


Similar Part No. - FSP3123K50AE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33AE FOSLINK-FSP3122D33AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33E FOSLINK-FSP3122D33E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3123K50AE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com