Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3127SE Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3127SE
Description  150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3127SE Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3127SE Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127SE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
2007-4-9
6/8
FSP3127
TYPICAL CHARACTERISTICS (CONTINUED)
ORDER INFORMATION
MARKING INFORMATION
(1) SOP8L
(2) PDIP8L
FSP3127XXXX
Package:
S: SOP8L
N: PDIP8L
Output Voltage:
Blank: ADJ
33: 3.3V
50: 5.0V
12: 12V
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
E: -40~125℃
Part number:
3127-ADJ: ADJ
3127-33: 3.3V
3127-50: 5.0V
3127-12: 12V
Internal code
3127-VV
YYWWXX
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)
Logo
Part number:
3127-ADJ: ADJ
3127-33: 3.3V
3127-50: 5.0V
3127-12: 12V
Internal code
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)
Logo
3127-VV
YYWWXX


Similar Part No. - FSP3127SE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3127SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSP1250 ETC-MSP1250 Datasheet
213Kb / 9P
   Power Converter 150kHz 3A Step-down Voltage Regulator
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
   3.5MHz, 500mA Step-down Regulator
logo
Linear Technology
LTC1504A LINER-LTC1504A_15 Datasheet
113Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504 Datasheet
249Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504 LINER-LTC1504_15 Datasheet
261Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
LTC1504A LINER-LTC1504A Datasheet
132Kb / 12P
   500mA Low Voltage Step-Down Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com