Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3128SD Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3128SD
Description  WIDE INPUT 3A STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3128SD Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3128SD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3128SD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
WIDE INPUT 3A STEP-DOWN CONVERTER
2007-1-4
4/10
FSP3128
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
Output Voltage Setting
Figure 1 shows the connections for setting the output voltage. Select the proper ratio of the two feedback resistors
RFB1 and RFB2 based on the output voltage. Typically, use RFB2≈10KΩ and determine RFB1 from the output voltage:
Figure 1 Output Voltage Setting
Inductor Selection
The inductor maintains a continuous current to the output load. This inductor current has a ripple that is dependent on
the inductance value: higher inductance reduces the peak-to-peak ripple current. The trade off for high inductance
value is the increase in inductor core size and series resistance, and the reduction in current handling capability. In
general, select an inductance value L based on ripple current requirement.
where VIN is the input voltage, VOUT is the output voltage, fSW is the switching frequency, IOUTMAX is the maximum output
current, and KRIPPLE is the ripple factor. Typically, choose KRIPPLE = between 20% and 30% to correspond to the
peak-to-peak ripple current being a percentage of the maximum output current. With this inductor value (Table 1), the
peak inductor current is IOUT • (1 + KRIPPLE / 2). Make sure that this peak inductor current is less that the 5A current limit.
Finally, select the inductor core size so that it does not saturate at 5A.
VOUT
1.5V
1.8V
2.5V
3.3V
5V
L
6.8µ H6.8µ H6.8µ H8.5µ H15µ H
Table 1: Typical Inductor Values


Similar Part No. - FSP3128SD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3128SD

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
   Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
   Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
   13.2V Input, 3A Step-Down Converter
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
   Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com