Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP1117T15 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1117T15
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1117T15 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1117T15 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117T15 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1A LOW DROPOUT LINEAR REGULATOR
2007-4-9
1/10
FSP1117
PIN CONFIGURATION
(1) TO220-3L
(2) TO263-3L
(3) TO252-2L
(4) SOT223
BLOCK DIAGRAM
FEATURES
Low Dropout Voltage: 1.15V at 1A Output Current
Trimmed Current Limit
On-chip Thermal Shutdown
Three-terminal Adjustable or Fixed 1.2V, 1.5V, 1.8V,
2.5V, 3.3V, 5.0V
GENERAL DESCRIPTION
The FSP1117 is a series of low dropout three-terminal
regulators with a dropout of 1.15V at 1A output current.
The FSP1117 series provides current limiting and
thermal shutdown. Its circuit includes a trimmed
bandgap reference to assure output voltage accuracy
to be within 1% for 1.5V, 1.8V, 2.5V, 3.3.V, 5.0V and
adjustable versions or 2% for 1.2V version. Current
limit is trimmed to ensure specified output current and
controlled
short-circuit
current.
On-chip
thermal
shutdown provides protection against any combination
of overload and ambient temperature that would create
excessive junction temperature.
The FSP1117 has an adjustable version that can
provide the output voltage from 1.25V to 12V with only
two external resistors.
The FSP1117 series is available in the industry
standard
TO220-3L,
TO263-3L,
TO252-2L
and
SOT223 power packages.
APPLICATIONS
PC Motherboard
LCD Monitor
Graphic Card
DVD-video player
NIC/Switch
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
1
2
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
1
2
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
1
2
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
2
1
3
ADJ/GND
VOUT
VIN
Metal Tab VOUT
For Fixed Output,connect A1 and A2, disconnect B
A2
OUTPUT
Protection
ADJ/GND
INPUT
For Adjustable Output, disconnect A1 and A2, connect B
2
B
1
3
Thermal
A1


Similar Part No. - FSP1117T15

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1117T15

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com