Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3122K33AE Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3122K33AE
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3122K33AE Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3122K33AE Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122K33AE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
4/10
FSP3122
TYPICAL PERFORMANCE CHARACTERISTICS
-1.5
-1.0
-0.5
0
0.5
-50 -25
0
25
50 75 100 125
VIN=20V ILOAD=3A
Normalixed at TJ=25℃
JUNCTION TEMPERATURE(℃)
Normalized Output Voltage
1.0
1.5
0.60
0.80
1.00
1.20
1.40
1.60
0.5
1
2
3
SWITCH CURRENT(A)
1
2
3
1:-40℃
2:25℃
3:125℃
Switch Saturation Voltage
VIN=12V
0.6
0.8
1.0
1.2
1.4
-50 -25
0
25
50 75 100 125
JUNCTION TEMPERATURE(℃)
Dropout Voltage
1.6
1.8
ILOAD=1A
ILOAD=3A
L=33µH RIND=0.04O
VOUT=VREG-50mV
130
135
140
145
150
-50 -25
0
25
50 75 100 125
JUNCTION TEMPERATURE(℃)
Switching Frequency
155
160


Similar Part No. - FSP3122K33AE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122K33AE FOSLINK-FSP3122K33AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3122K33AE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com