Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3112 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3112
Description  DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3112 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3112 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3112 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-7-11
1/10
FSP3112
APPLICATIONS
Portable Media Players
Digital Still Cameras
Cellular Telephones
PDAs
Wireless and DSL modems
PIN CONFIGURATION
(Top View)
(Top View)
10-Lead (3mm ×3mm) Plastic DFN
10-Lead Plastic MSOP
Exposed Pad is PGND (Pin 11)
Exposed Pad is PGND (Pin 11)
Must be connected to GND.
Must be connected to GND.
FEATURES
High Efficiency : Up to 96%
1.5MHz Constant Frequency Operation
600mA Output Current at VIN=3.0V
Very Low Quiescent Current of 500µA
No Schottky Diode Required
Low RDS(ON) Internal Switches: 0.35Ω
0.6V reference allows low Output Voltage
Current Mode Operation for excellent line and
load transient Response
Short-Circuit &Thermal Fault Protection
1µA Shutdown Current
Power-on Reset Output
Externally Synchronized Oscillator
Small Thermally Enhanced MSOP10 and DFN10
Packages
1
2
3
4
5
9
8
7
6
10
11
EXPOSED PAD
VFB1
RUN1
VIN
SW1
GND
VFB2
RUN2
POR
SW2
NC
1
2
3
4
5
9
8
7
6
10
11
EXPOSED PAD
VFB1
RUN1
VIN
SW1
GND
VFB2
RUN2
POR
SW2
NC
GENERAL DESCRIPTION
The FSP3112 is a dual channel high efficiency
monolithic synchronous step down current mode
DC-DC converter operating at 1.5MHz constant
frequency. The device integrates a main switch and a
synchronous rectifier for high efficiency without an
external Schottky diode for each of the channels. The
FSP3112 can operate from a 2.5V to 5.5V input voltage
and is ideal for powering portable equipment that runs
from a single cell lithium-Ion (Li+) battery. It can supply
600mA output current for each channel and can also
run at 100% duty cycle for low dropout operation,
extending battery life in portable system. For FSP3112,
Pulse Skipping Mode operation at light loads provides
very low output ripple voltage for noise sensitive
applications.


Similar Part No. - FSP3112

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100C12AD FOSLINK-FSP3100C12AD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100C15AD FOSLINK-FSP3100C15AD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100C18AD FOSLINK-FSP3100C18AD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3100CAD FOSLINK-FSP3100CAD Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - FSP3112

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com