Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3100 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3100
Description  1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3100 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3100 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-1-29
3/11
FSP3100
ELECTRICAL CHARACTERISTICS (NOTE 4)
(VIN=VRUN=3.6V, TA=25℃, Unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Input Voltage Range
2.5
5.5
V
Input DC Supply Current
Active Mode
Shutdown Mode
VFB=0.5V
VFB=0V, VIN=4.2V
270
0.08
400
1.0
uA
TA=+25℃
0.5880
0.6000
0.6120
V
TA=0℃≤TA≤85℃
0.5865
0.6000
0.6135
V
Regulated Feedback Voltage
TA=-40℃≤TA≤85℃
0.5850
0.6000
0.6150
V
VFB Input Bias Current
VFB=0.65V
±
30
nA
Reference Voltage Line Regulation
VIN=2.5V to 5.5V, VOUT=VFB (R2=0)
0.11
0.40
%/V
FSP3100C12AD: -40℃≤TA≤85℃
1.164
1.200
1.236
V
FSP3100C15AD: -40℃≤TA≤85℃
1.455
1.500
1.545
V
Regulated Output Voltage
FSP3100C18AD: -40℃≤TA≤85℃
1.746
1.800
1.854
V
Output Voltage Line Regulation
VIN=2.5V to 5.5V, IOUT=10mA
0.11
0.40
%/V
Output Voltage Load Regulation
IOUT from 0 to 600mA
0.0015
%/mA
Maximum Output Current
VIN=3.0V
600
mA
Oscillator Frequency
VFB=0.6V or VOUT=100%
1.2
1.5
1.8
MHz
RDS(ON) of P-CH MOSFET
ISW=300mA
0.30
0.50
RDS(ON) of N-CH MOSFET
ISW=-300mA
0.20
0.45
Peak Inductor Current
VIN=3V, VFB=0.5V or VOUT=90%,
Duty Cycle<35%
1.20
A
SW Leakage
VRUN=0V, VSW=0V or 5V, VIN=5V
±
0.01
±
1
uA
Output over voltage lockout
Δ
VOVL=VOVL-VFB
60
mV
RUN Threshold
-40℃≤TA≤85℃
0.3
0.45
1.30
V
RUN Leakage Current
±
0. 1
±
1
uA
Note 4: 100% production test at +25℃. Specifications over the temperature range are guaranteed by design and
characterization.


Similar Part No. - FSP3100

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3112 FOSLINK-FSP3112 Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3112LAD FOSLINK-FSP3112LAD Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3112MSAD FOSLINK-FSP3112MSAD Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3100

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3112 FOSLINK-FSP3112 Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com