Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D106X_025B2_15H Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 592D106X_025B2_15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D106X_025B2_15H Datasheet(HTML) 3 Page - Vishay Siliconix

  592D106X_025B2_15H Datasheet HTML 1Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 2Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 3Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 4Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 5Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 6Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 7Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 8Page - Vishay Siliconix 592D106X_025B2_15H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 40004
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Aug-08
91
592D
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile,
Conformal Coated, Maximum CV
Vishay Sprague
Note: * Preliminary values contact factory for availability. For 10 % tolerance, specify “9”; for 20 % tolerance, change to “0”.
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
MAX. RIPPLE
100 kHz
Irms (A)
4 WVDC AT + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
22
A
592D226X_004A2_15H
0.9
6
2.40
0.16
22
B
592D226X_004B2_15H
0.9
6
1.60
0.22
33
B
592D336X_004B2_15H
1.3
6
1.60
0.22
47*
B*
592D476X_004B2_15H*
1.9*
6*
1.5*
0.23*
47
C
592D476X_004C2_15H
1.9
6
0.40
0.50
68
B
592D686X_004B2_15H
2.7
6
1.40
0.24
68
C
592D686X_004C2_15H
2.7
6
0.35
0.53
68
D
592D686X_004D2_15H
2.7
6
0.27
0.68
100
A
592D107X_004A2_12H
4.0
24
1.00
0.24
100*
A*
592D107X_004A2_15H*
4.0*
8*
0.80*
0.27*
100
B
592D107X_004B2_20H
4.0
8
0.20
0.87
100
C
592D107X_004C2_15H
4.0
8
0.45
0.42
100
D
592D107X_004D2_15H
4.0
8
0.35
0.53
100
R
592D107X_004R2_15H
4.0
8
0.26
0.69
100
B
592D107X_004B2_20H
4.0
8
0.45
0.42
150
B
592D157X_004B2_20H
6.0
8
0.20
0.87
150
C
592D157X_004C2_15H
6.0
8
0.45
0.42
150
D
592D157X_004D2_15H
6.0
8
0.36
0.52
150
R
592D157X_004R2_15H
6.0
8
0.25
0.71
150
B
592D157X_004B2_20H
6.0
8
0.45
0.42
220
C
592D227X_004C2_20H
8.3
8
0.20
0.87
220
D
592D227X_004D2_20H
8.3
8
0.20
0.78
220
R
592D227X_004R2_15H
8.3
8
0.19
0.76
330
C
592D337X_004C2_15H
13.2
8
0.12
1.08
330
D
592D337X_004D2_20H
13.2
8
0.12
1.12
330
D
592D337X_004D2_15H
13.2
8
0.18
0.91
330
R
592D337X_004R2_15H
13.2
8
0.15
0.86
470
B
592D477X_004B2_20H
18.8
35
0.50
0.40
470
D
592D477X_004D2_15H
18.8
8
0.14
0.94
470
D
592D477X_004D2_14H
18.8
8
0.14
0.95
470
C
592D477X_004C2_20H
18.8
8
0.10
1.05
470
D
592D477X_004D2_20H
18.8
8
0.10
1.18
470
R
592D477X_004R2_20H
18.8
10
0.10
1.32
680
D
592D687X_004D2_20H
27.2
12
0.10
1.32
680
R
592D687X_004R2_20H
27.2
12
0.10
1.18
1000
R
592D108X_004R2_20H
40
14
0.20
0.94
1500
X
592D158X_004X2_20H
60
20
0.04
2.10
2200
X
592D228X_004X2_25H
88
25
0.04
2.30
2200
X
592D228X_004X2_20H
88
25
0.055
2.30
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
6.8
A
592D685X_6R3A2_15H
0.56
5
5.50
0.10
10
A
592D106X_6R3A2_15H
0.48
5
2.70
0.15
15
A
592D156X_6R3A2_15H
0.9
6
2.50
0.15
15
B
592D156X_6R3B2_15H
0.9
6
1.70
0.22
22
B
592D226X_6R3B2_15H
1.4
6
1.50
0.23
22
A
592D226X_6R3A2_10H
1.4
12
4.00
0.39
22
A
592D226X_6R3A2_13H
1.4
6
1.50
0.20
22
B
592D226X_6R3B2_15H
1.4
6
1.50
0.20
33
A
592D336X_6R3A2_15H
2.1
6
1.70
0.32
33
B
592D336X_6R3B2_15H
2.1
6
1.40
0.24
33
C
592D336X_6R3C2_15H
2.1
6
0.40
0.50
33
S
592D336X_6R3S2_12H
2.1
10
2.00
0.17
33
S
592D336X_6R3S2_13H
2.1
8
1.30
0.24
47
A
592D476X_6R3A2_13H
2.7
14
2.00
0.17
47
A
592D476X_6R3A2_15H
2.7
14
2.00
0.17
47
B
592D476X_6R3B2_15H
3.0
8
1.40
0.24


Similar Part No. - 592D106X_025B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D106X-025B2-15H VISHAY-592D106X-025B2-15H Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
More results

Similar Description - 592D106X_025B2_15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_08 Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com