Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP2161K33AD Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2161K33AD
Description  1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2161K33AD Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2161K33AD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
2007-12-6
2/12
FSP2161
TYPICAL APPLICATIONS CIRCUITS
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Input Supply Voltage
+4
V
Maximum Output Current
PD/(VIN-VO)
Output Pin Voltage
-0.3 to VIN+0.3
V
Internal Power Dissipation
1200
mW
Junction to Case Thermal Resistance (
θJC)
7
/ W
Junction to Ambient Thermal Resistance (
θJA)
90
/ W
Operating temperature
-40 to 85
°C
Operating Junction Temperature
-40 to 125
°C
Storage Temperature
-65 to 150
°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 5 sec)
300
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings
for prolonged time periods may affect device reliability. All voltages are with respect to ground.
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
Input Supply Voltage
1.4 to 3.6
V
Operating temperature
-40 to 85
°C
Operating Junction Temperature
-40 to 125
°C


Similar Part No. - FSP2161K33AD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E09AD FOSLINK-FSP2160E09AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E10AD FOSLINK-FSP2160E10AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E12AD FOSLINK-FSP2160E12AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E15AD FOSLINK-FSP2160E15AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
More results

Similar Description - FSP2161K33AD

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3115 PAM-PAM3115 Datasheet
537Kb / 16P
   1.5A Low Voltage-Low Dropout CMOS Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2162 FOSLINK-FSP2162 Datasheet
237Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com