Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP2150 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2150
Description  DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2150 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2150 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2150 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DUAL 150MA HIGH PERFORMANCE MOBILE LDO
TM IN SOT23-6L
2007-6-28
2/9
FSP2150
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Input Voltage
6
V
Output Pin Voltage
GND-0.3 to VIN + 0.3
V
Output Current
150/150
mA
Internal Power Dissipation
400
mW
ESD Rating(HBM)
2000
V
Operating Junction Temperature
-40 to 125
°C
Operating Ambient Temperature
-40 to 85
°C
Storage Temperature
-40 to 125
°C
Lead Temperature (Soldering, 5 sec)
300
°C
Note: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 1V, EN1 =EN2= IN, CIN = 2.2F, COUT = 2.2F, TA= 25°C unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Supply Range
Note 1
5.5
V
EN Input Voltage
0
VIN
V
Output Voltage Accuracy
IO=1mA
-2.0
+2.0
%
Output Current
150
Note 2
mA
Quiescent Current
IO=0mA
175
250
µA
Shutdown Supply Current
Both outputs disabled
0.1
1
µA
Short Circuit Current
VO= 0V
150
mA
Ground Pin Current
IO=1mA to 150mA
200
250
µA
IO=50mA VIN = 3.0V to 4.0V
VO= 1.8V
IO=50mA VIN = 3.5V to 4.5V
VO= 2.5
Line Regulation
IO=50mA VIN = 3.8V to 4.8V
VO= 2.8V
-0.15
0.1
0.15
%/V
Load Regulation
IOUT = 1mA to 150mA VIN= 3.3V
-2
1.0
2
%/mA
f= 100Hz
70
f= 1KHz
63
Power Supply Ripple
Rejection
IO=50mA VO = 1.8V
f= 10KHz
45
dB
VOUT = 1.8V, IOUT = 150mA
950
VOUT = 2.5V, IOUT = 150mA
350
Dropout Voltage
VOUT = 2.8V, IOUT = 150mA
180
mV
Current Limit
VOUT ≥1.2V
200
mA
Output Noise
f= 10Hz to 100KHz
35
uVrms
Over Temperature Hystersis
IO=1mA
40
°C
Over Temperature Shutdown
IO=1mA
155
°C
EN_ Logic Low Threshold
0.3
V
EN_ Logic High Threshold
1.5
V
EN Pull-up Resistance
1.7
5
15
mΩ
Temperature Coefficient
40
ppm/°C
Note 1:The minimum input voltage of the FSP2150 is determined by output voltage and dropout voltage. The
minimum input voltage is defined as:
VIN(MIN)=VO+VDROP
Note 2:Output current is limited by PD, maximum IO=PD/(VIN(MAX)-VO)


Similar Part No. - FSP2150

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2151 FOSLINK-FSP2151 Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
FSP2151UAAD FOSLINK-FSP2151UAAD Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
FSP2151UBAD FOSLINK-FSP2151UBAD Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
More results

Similar Description - FSP2150

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2151 FOSLINK-FSP2151 Datasheet
526Kb / 9P
   DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN USP6
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Alpha & Omega Semicondu...
SOT-23-5L AOSMD-SOT-23-5L Datasheet
78Kb / 1P
   SOT23 5L/6L Carrier tape
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
logo
Eutech Microelectronics...
EUP7915 EUTECH-EUP7915 Datasheet
271Kb / 11P
   150mA Low-Noise LDO in SOT23-5
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com