Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP1084T25A Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084T25A
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084T25A Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084T25A Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084T25A Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
7/9
FSP1084
PACKAGE INFORMATION
(1) TO220-3L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
3.56
4.20
4.82
0.140
0.165
0.190
b1
1.16
1.46
1.76
0.046
0.057
0.069
b
0.51
0.813
1.14
0.020
0.032
0.045
C
0.356
0.406
0.014
0.016
D
14.20
15.35
16.50
0.559
0.604
0.650
E
9.66
10.20
10.66
0.380
0.402
0.420
e
2.29
2.54
2.79
0.090
0.100
0.110
e1
4.83
5.08
5.33
0.190
0.200
0.210
F
0.55
0.95
1.35
0.022
0.037
0.053
H1
5.84
6.35
6.86
0.230
0.250
0.270
J1
2.08
2.48
2.88
0.082
0.098
0.113
L
12.72
13.72
14.72
0.501
0.540
0.580
L1
3.66
5.00
6.35
0.144
0.197
0.250
P
3.56
3.81
4.06
0.140
0.150
0.160
Q
2.58
2.98
3.38
0.102
1.117
0.133
b1
e1
E
P
e
b
C
J1
A
F
SEATING PLANE


Similar Part No. - FSP1084T25A

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1084T25A

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com