Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP1084K15A Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1084K15A
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1084K15A Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1084K15A Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1084K15A Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5A LOW DROPOUT LINEAR REGULATOR
2007-4-6
5/9
FSP1084
TYPICAL PERFORMANCE CHARACTERISTICS (CONTINUED)
Load Transient Response
Line Transient Response
Vin=5.5V, Vout=2.5V Io=100mA to 5A Cin=Cout=10µ(tan)
Vin=4.5V to 6.5V Vout=2.5V Io=200mA Cin=1µ(tan) Cout=10µ(tan)
0
25
50
75
100
125
1.20
1.25
1.30
1.35
1.40
Dropout Voltage vs Temperature
TJ (℃)
02
4
6
8
10
0
2
1
6
8
Short Circuit Current vs Dropout Voltage
Dropout Voltage (V)
12
4
3
5
7


Similar Part No. - FSP1084K15A

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1084K15A

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com