Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR014TRLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFR014TRLPBF
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFR014TRLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFR014TRLPBF Datasheet HTML 1Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 2Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 3Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 4Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 5Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 6Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 7Page - Vishay Siliconix IRFR014TRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91263
www.vishay.com
S-81432-Rev. A, 07-Jul-08
1
Power MOSFET
IRFR014, IRFU014, SiHFR014, SiHFU014
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Surface Mount (IRFR014/SiHFR014)
• Straight Lead (IRFU014/SiHFU014)
• Available in Tape and Reel
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU/SiHFU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface mount applications.
Note
a. See device orientation.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (Ω)VGS = 10 V
0.20
Qg (Max.) (nC)
11
Qgs (nC)
3.1
Qgd (nC)
5.8
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free
IRFR014PbF
IRFR014TRLPbFa
IRFR014TRPbFa
IRFU014PbF
SiHFR014-E3
SiHFR014TL-E3a
SiHFR014T-E3a
SiHFU014-E3
SnPb
IRFR014
IRFR014TRLa
IRFR014TRa
IRFU014
SiHFR014
SiHFR014TLa
SiHFR014Ta
SiHFU014
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
7.7
A
TC = 100 °C
4.9
Pulsed Drain Currenta
IDM
31
Linear Derating Factor
0.20
W/°C
Linear Derating Factor (PCB Mount)e
0.020
Single Pulse Avalanche Energyb
EAS
47
mJ
Maximum Power Dissipation
TC = 25 °C
PD
25
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
2.5
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFR014TRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR014TRLPBF VISHAY-IRFR014TRLPBF Datasheet
1Mb / 10P
   Power MOSFET
Rev. D, 10-May-10
logo
Kersemi Electronic Co.,...
IRFR014TRLPBF KERSEMI-IRFR014TRLPBF Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR014TRLPBF-BE3AB VISHAY-IRFR014TRLPBF-BE3AB Datasheet
892Kb / 13P
   Power MOSFET
01-Jan-2022
IRFR014TRLPBFA VISHAY-IRFR014TRLPBFA Datasheet
892Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR014TRLPBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com