Electronic Components Datasheet Search |
|
592D686X_010C2_20H Datasheet(PDF) 1 Page - Vishay Siliconix |
|
592D686X_010C2_20H Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 9 page Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV 592D Vishay Sprague Document Number: 40004 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 22-Aug-08 89 FEATURES • New robust 6.3 V ratings for battery operated wireless applications • 1.0 mm to 2.5 mm height • Terminations: Lead (Pb)-free (2) standard • Low Impedance • 8 mm, 12 mm tape and reel packaging available per EIA-481-1 and reeling per IEC 286-3 7" [178 mm] standard 13" [330 mm] available • Case code compatible with EIA 535BAAC and CECC 30801 molded chips PERFORMANCE CHARACTERISTICS Operating Temperature: - 55 °C to + 85 °C (To + 125 °C with voltage derating) Note: Refer to Doc. 40088 Capacitance Range: 1.0 µF to 2200 µF Capacitance Tolerance: ± 10 %, ± 20 % standard Voltage Rating: 4 WVDC to 50 WVDC * Pb containing terminations are not RoHS compliant, exemptions may apply ORDERING INFORMATION 592D 106 X0 010 B 2 T 15H TYPE CAPACITANCE CAPACITANCE TOLERANCE DC VOLTAGE RATING AT + 85 °C CASE CODE TERMINATION REEL SIZE AND PACKAGING SUFFIX This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. X0 = ± 20 % X9 = ± 10 % This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an “R” (6R3 = 6.3 V). See Ratings and Case Codes Table 2 = 100 % Tin 4 = Gold Plated 8 = Solder Plated 60/40 Special Order T = Tape and Reel 7" [178 mm] Reel W = 13" [330 mm] Reel Maximum height (mm) see dimensions Note: Preferred Tolerance and reel sizes are in bold. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating. Available Pb-free RoHS* COMPLIANT |
Similar Part No. - 592D686X_010C2_20H |
|
Similar Description - 592D686X_010C2_20H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |